Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFMD2080SB Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFMD2080SB
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080SB Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFMD2080SB Datasheet HTML 4Page - RF Micro Devices RFMD2080SB Datasheet HTML 5Page - RF Micro Devices RFMD2080SB Datasheet HTML 6Page - RF Micro Devices RFMD2080SB Datasheet HTML 7Page - RF Micro Devices RFMD2080SB Datasheet HTML 8Page - RF Micro Devices RFMD2080SB Datasheet HTML 9Page - RF Micro Devices RFMD2080SB Datasheet HTML 10Page - RF Micro Devices RFMD2080SB Datasheet HTML 11Page - RF Micro Devices RFMD2080SB Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
The differential I and Q input impedance is set by 10K
 pull down resistors on each pin, so presenting 20K differential
impedance. The baseband input signals will be typically 1Vp-p differential. A common mode DC voltage between 0.5V and 1.5V
is required for optimal performance. If required the phase and amplitude of either of the I or Q signal can be adjusted to
reduce the level of the unwanted sideband signal at the modulator output.
The baseband path consists of an active low pass filter with variable capacitors. The variable capacitors provide 64 "rctune"
settings that allow the input 3dB bandwidth to be tuned from 1.5MHz to 10MHz. This is followed by a variable gain attenuator
that delivers 0dB to -20dB gain in 2dB steps. Additionally, the mixers have gain control, ranging from 0dB to -18dB in 6dB
steps giving a maximum range of 38dB. The variable gain attenuator and mixer input have DACs attached to allow DC offsets
within the baseband path to be corrected, thus reducing LO breakthrough. An isolation switch sits between the variable gain
attenuator and the mixer input to allow their offsets to be compensated separately. This may be required since the offset within
the variable gain attenuator will vary with gain and thus its DC compensation may also have to vary for optimum LO cancella-
tion.
Serial Interface
All on-chip registers in the RFMD2080 are programmed using a proprietary 3-wire serial bus which supports both write and
read operations. Synthesizer programming, device configuration and control are achieved through a mixture of hardware and
software controls. Hardware pins can be used to control ENBL, MODE and RESETX or the device can be programmed entirely
via the serial bus.
The serial data interface can be configured for 4-wire operation, by setting the '4WIRE' bit in the SDI_CTRL register high. Then
pin 26 is used as the data out pin, and pin 32 is the serial data in pin.
bb_atten
DAC
DAC
dcdac_ai
dcdac_i
I_p
I_n
cal_blank
rc_tune
bb_atten
DAC
DAC
dcdac_aq
dcdac_q
Q_p
Q_n
cal_blank
I
Q
rc_tune
rc_tune
rc_tune
10K
10K
10K
10K


Similar Part No. - RFMD2080SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
More results

Similar Description - RFMD2080SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com