Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFMD0014TR13 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFMD0014TR13
Description  DIRECT QUADRATURE MODULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD0014TR13 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFMD0014TR13 Datasheet HTML 2Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 3Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 4Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 5Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 6Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 7Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 8Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 9Page - RF Micro Devices RFMD0014TR13 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 of 10
RFMD0014
DS100819
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
QFN, 24-pin, 4mm x 4mm
Branding Diagram
Ordering Information
Ordering Code
Description
RFMD0014SQ
Sample bag with 25 pieces
RFMD0014SR
7" Reel with 100 pieces
RFMD0014TR7
7" Reel with 1500 pieces
RFMD0014TR13
13" Reel with 2500 pieces
RFMD0014PCK-410
700MHz to 1000MHz PCBA with 5-piece sample bag


Similar Part No. - RFMD0014TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014PCK-410 RFMD-RFMD2014PCK-410 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014SQ RFMD-RFMD2014SQ Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014SR RFMD-RFMD2014SR Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
RFMD2014TR13 RFMD-RFMD2014TR13 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
More results

Similar Description - RFMD0014TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com