Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFLA9003TR13 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFLA9003TR13
Description  Dual Low Noise Amplifier Module 1710MHz to 2180MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA9003TR13 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFLA9003TR13 Datasheet HTML 2Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 3Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 4Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 5Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 6Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 7Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 8Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 9Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131114
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 11
RFLA9003
Evaluation Board Bill of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
DDI
LA9002-410(1)
RFLA9003 Module
U1
RFMD
RFLA9003
CAP, 0.1µF, 10% 16V, X7R, 0402
C1-C4
Murata Electronics
GRM155R71C104KA88D
CONN, SMA, END LNCH, UNIV, HYB
MNT, FLT
J1-J4
Heilind Electronics
PER MAT-21-9003
RES, 0Ω, 0402
R5-R6
Kamaya, Inc.
RMC1/16SJPTH
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-5C
DNP
R1-R4*, R7-R9*
Note: Parts with * following the Reference Designators should not be populated on PCBA.


Similar Part No. - RFLA9003TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
More results

Similar Description - RFLA9003TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
logo
RF Micro Devices
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
RF Micro Devices
RFLA9002 RFMD-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com