Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1523KB2-C1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1523KB2-C1
Description  SPDT SWITCH GaAs MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1523KB2-C1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1523KB2-C1 Datasheet HTML 3Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 4Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 5Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 6Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 7Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 8Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 9Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 10Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJG1523KB2
- 10 -
Parts List
C4
nAPPLICATION CIRCUIT
nRECOMMENDED PCB DESIGN
PRECAUTIONS
[1] The DC blocking capacitors have to be placed at RF terminal of P1, P2 and PC.
Please choose appropriate capacitance values to the application frequency.
[2]To reduce stlipline influence on RF characteristics, please locate bypass
capacitors (C4, C5) close to each terminals.
[3]For good isolation, the GND terminal (2
nd pin) must be placed possibly close to
ground plane of substrate, and through holes for GND should be placed near by
the pin connection.
Parts number
List 1
List 2
List 3
Notes
50~100MHz
0.1~0.5GHz
0.5~2.5GHz
C1~C3
0.01uF
1000pF
56pF
GRM36 MURATA
C4, C5
10pF
10pF
10pF
GRM36 MURATA
PCB SIZE=19.4x14.0mm
PCB: FR-4, t=0.2mm
CAPACITOR: size 1005
STRIPLINE WIDTH=0.4mm
(TOP VIEW)
P2
PC
VCTL1
VCTL2
C3
C2
C5
C4
C1
P1
PC
P2
P1
VCTL1 (2.7V/0V)
C1
C3
C5
VCTL2 (0V/2.7V)
NJG1523KB2
Zo=50
3
2
1
4
5
6
Zo=50
Zo=50
C2


Similar Part No. - NJG1523KB2-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C1 NJRC-NJG1520PE1-C1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C10 NJRC-NJG1520PE1-C10 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C2 NJRC-NJG1520PE1-C2 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C3 NJRC-NJG1520PE1-C3 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1523KB2-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com