Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFLA1022TR7 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFLA1022TR7
Description  Low Noise, High Linearity Amplifier 400MHz to 1500MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1022TR7 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFLA1022TR7 Datasheet HTML 3Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 4Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 5Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 6Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 7Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 8Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 9Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 10Page - RF Micro Devices RFLA1022TR7 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140616
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 17
RFLA1022
Typical RF Performance: 3V, 25°C, VB = 1.3V
Parameter
Unit
400MHz
600MHz
800MHz
1000MHz
1200MHz
1500MHz
Gain
dB
22.17
19.01
16.81
14.98
13.44
11.51
Noise Figure
dB
0.28
0.35
0.36
0.42
0.46
0.55
Input IP3
dBm
9.25
11.24
13.92
14.78
15.39
16.71
Input P1dB
dBm
-4.91
-3.05
-2.69
-2.63
-2.57
-2.66
Input Return Loss
dB
-12.01
-12.34
-12.86
-13.39
-13.89
-14.19
Output Return Loss
dB
-20.78
-17.48
-15.61
-13.98
-12.65
-11.24
VCC Current
mA
32
32
32
32
32
32
SD Current
mA
0.1
0.21
0.11
0.11
0.1
0.11
VB Current
mA
0.78
0.78
0.79
0.79
0.79
0.8
Typical RF Performance: 3V, 25°C, VB = 1.6V
Parameter
Unit
400MHz
600MHz
800MHz
1000MHz
1200MHz
1500MHz
Gain
dB
22.42
19.24
17.03
15.19
13.65
11.73
Noise Figure
dB
0.27
0.34
0.34
0.41
0.46
0.56
Input IP3
dBm
9.17
10.85
13.27
15.34
17.11
19.8
Input P1dB
dBm
-3.69
-1.77
-1.21
-1.16
-1.09
-1.27
Input Return Loss
dB
-12.79
-12.88
-13.32
-13.87
-14.37
-14.61
Output Return Loss
dB
-24.18
-18.82
-16.48
-14.58
-13.11
-11.6
VCC Current
mA
42
42
42
42
42
42
SD Current
mA
0.1
0.22
0.1
0.1
0.1
0.1
VB Current
mA
1.04
1.05
1.06
1.06
1.06
1.06
Typical RF Performance: 3V, 25°C, VB = 1.9V
Parameter
Unit
400MHz
600MHz
800MHz
1000MHz
1200MHz
1500MHz
Gain
dB
22.58
19.39
17.19
15.34
13.8
11.88
Noise Figure
dB
0.27
0.34
0.34
0.43
0.45
0.57
Input IP3
dBm
9.74
11.52
14.22
16.82
18.89
20.82
Input P1dB
dBm
-2.86
-0.85
-0.04
-0.07
0.01
-0.07
Input Return Loss
dB
-13.33
-13.22
-13.62
-14.17
-14.69
-14.87
Output Return Loss
dB
-27.15
-19.74
-17
-14.96
-13.4
-11.85
VCC Current
mA
52
52
52
52
52
52
SD Current
mA
0.11
0.22
0.1
0.1
0.1
0.1
VB Current
mA
1.3
1.31
1.32
1.32
1.32
1.33


Similar Part No. - RFLA1022TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1010 RFMD-RFLA1010 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010PCK-410 RFMD-RFLA1010PCK-410 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010SQ RFMD-RFLA1010SQ Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010SR RFMD-RFLA1010SR Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010TR7 RFMD-RFLA1010TR7 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
More results

Similar Description - RFLA1022TR7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1471 RENESAS-F1471 Datasheet
1Mb / 23P
   0.5W High Linearity RF Amplifier 400MHz to 4200MHz
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com