Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFGA2044TR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFGA2044TR7
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2044TR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFGA2044TR7 Datasheet HTML 1Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 2Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 3Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 4Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 5Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 6Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 7Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RFGA2044
InGaP HBT MMIC AMPLIFIER
50MHz TO 3000MHz
The RFGA2044 is a high performance InGaP HBT MMIC amplifier. The RFGA2044's
internal active bias circuitry allows the amplifier to operate directly from a 5V supply
and provides stable current over temperature and process Beta variation. This Dar-
lington amplifier is internally matched to 50
 making it ideal for applications
requiring small footprints and minimal external components.
Features
Low Cost
Broadband Gain
Internally Matched
Internal Active Bias
No Dropping Resistor
Single Supply 5V Operation
HBM ESD Level >1000V
Applications
PA Driver Amplifier
LO Buffer Amplifier
Cellular, PCS, GSM, UMTS, LTE,
TD-SCDMA
Wideband Instrumentation
Wireless Data, Satellite
Terminals
Prelim DS111213
Package: SOT-89
RFGA2044
InGaP HBT
MMIC Ampli-
fier 50MHz to
3000MHz
RFGA2044SR
7” Sample reel with 100 pieces
RFGA2044SQ
Sample bag with 25 pieces
RFGA2044TR7
7” Reel with 750 pieces
RFGA2044TR13
13” Reel with 2500 pieces
RFGA2044PCK-410
500MHz to 3000MHz PCBA with 5-piece sample bag


Similar Part No. - RFGA2044TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFGA2044TR13 QORVO-RFGA2044TR13 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
More results

Similar Description - RFGA2044TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com