Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFGA0024 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFGA0024
Description  InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA0024 Datasheet(HTML) 2 Page - RF Micro Devices

  RFGA0024 Datasheet HTML 1Page - RF Micro Devices RFGA0024 Datasheet HTML 2Page - RF Micro Devices RFGA0024 Datasheet HTML 3Page - RF Micro Devices RFGA0024 Datasheet HTML 4Page - RF Micro Devices RFGA0024 Datasheet HTML 5Page - RF Micro Devices RFGA0024 Datasheet HTML 6Page - RF Micro Devices RFGA0024 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
RFGA0024
DS121106
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Nominal Operating Parameters
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)6.0
V
Device Current (ICC)130
mA
CW Input Power, 2:1 Output VSWR
15
dBm
CW Input Power, 10:1 Output VSWR
10
dBm
Operating Junction Temperature (TJ)150
°C
Operating Temperature Range (TL)-40 to +85
°C
Storage Temperature
-55 to +150
°C
ESD Rating - Human Body Model
1C (1000V)
Moisture Sensitivity Level
MSL-2
NOTES:
1. The maximum rating must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Input Power (Pin)
10
dBm
Max recommended continuous input power,
VCC < 5.0V, Load VSWR < 2:1
Gain
20.5
dB
150MHz
20.4
dB
250MHz
18.3
19.8
21.3
dB
450MHz
OIP3
39
dBm
150MHz (3dBm/Tone, 1MHz spacing)
37.8
dBm
250MHz (3dBm/Tone, 1MHz spacing)
34.3
36.4
dBm
450MHz (3dBm/Tone, 1MHz spacing)
P1dB
20.2
dBm
150MHz
20.1
dBm
250MHz
18.8
20.3
dBm
450MHz
Input Return Loss
19.8
dB
Output Return Loss
14
dB
Isolation
22.5
dB
Noise Figure
3.5
dB
Operating Current (Quiescent)
80
92
mA
At VCC = 5.0V
Operating Current
110
mA
Max recommended current for continuous
operation
Operating Voltage (VCC)
5.0
5.25
V
Max recommended voltage for continuous
operation
Thermal Resistance (RTH)
98
°C/W
At quiescent current, no RF, VCC = 5.0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFGA0024

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014PCK-410 RFMD-RFGA0014PCK-410 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014SQ RFMD-RFGA0014SQ Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014SR RFMD-RFGA0014SR Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014TR13 RFMD-RFGA0014TR13 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results

Similar Description - RFGA0024

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
CGB-1089Z RFMD-CGB-1089Z Datasheet
314Kb / 8P
   50MHz to 1000MHz SINGLE ENDED InGaP/GaAs HBT MMIC CATV AMPLIFIER
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com