Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM8550TR7 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFFM8550TR7
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8550TR7 Datasheet(HTML) 8 Page - RF Micro Devices

  RFFM8550TR7 Datasheet HTML 1Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 2Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 3Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 4Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 5Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 6Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 7Page - RF Micro Devices RFFM8550TR7 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 8
RFFM8550
Pin Names and Descriptions
Pin
Name
Description
1
ANT
RF bidirectional antenna port matched to 50Ω. An external DC block is required.
2
VRX
Receive switch control pin. See switch truth table for proper voltage level.
3
VTX
Control voltage for the TX switch. See truth table for proper voltage level.
4
VDD
Supply voltage for the LNA. See applications schematic for bypassing components.
5
LNAEN
Control voltage for the LNA. When this pin is set to a LOW logic state, the bypass mode is enabled.
6
RX
RF output port for the 802.11a/n/ac LNA. This port is matched to 50Ω and DC blocked internally
7
N/C
This pin is not connected internally and can be left floating or connected to ground.
8
TX
RF input port for the TX throw of the T/R switch. An external DC block is required
Pkg Base
GND
Ground connection. The backside of the package should be connected to the ground plane through a short
path, i.e., PCB vias under the device are recommended.


Similar Part No. - RFFM8550TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8550TR7 QORVO-RFFM8550TR7 Datasheet
344Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results

Similar Description - RFFM8550TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com