Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM8506PCK-410 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM8506PCK-410
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8506PCK-410 Datasheet(HTML) 6 Page - RF Micro Devices

  RFFM8506PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM8506PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130923
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 9
RFFM8506
Evaluation Board Schematic
NC
VCC2
VCC1
GND
LNA_EN
RX
GND
VBAT
FM8506
1
2
3
4
GND
GND
GND
GND
C1
1nF
C3
1uF
C2
4.7uF
VCC
GND
GND
GND
GND
J2
TX
C4
1nF
PA_EN
12
11
10
9
VBAT
GND
GND
C5
1nF
C8
DNI
GND
LNA_EN
R1
0 ohm
GND
GND
C7
10pF
GND
J3
ANT
SW_CTL
GND
J2
RX


Similar Part No. - RFFM8506PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8506PCK-410 QORVO-RFFM8506PCK-410 Datasheet
591Kb / 10P
   4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
More results

Similar Description - RFFM8506PCK-410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com