Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM8505SQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8505SQ
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8505SQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8505SQ Datasheet HTML 1Page - RF Micro Devices RFFM8505SQ Datasheet HTML 2Page - RF Micro Devices RFFM8505SQ Datasheet HTML 3Page - RF Micro Devices RFFM8505SQ Datasheet HTML 4Page - RF Micro Devices RFFM8505SQ Datasheet HTML 5Page - RF Micro Devices RFFM8505SQ Datasheet HTML 6Page - RF Micro Devices RFFM8505SQ Datasheet HTML 7Page - RF Micro Devices RFFM8505SQ Datasheet HTML 8Page - RF Micro Devices RFFM8505SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131106
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 9
RFFM8505
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive (ANT-RX)-LNA On
Freq = 5.15GHz to 5.825GHz, T = -10°C to +70°C,
VCC=3.2V to 5.0V, unless otherwise noted.
Gain
9
12
15
dB
T= 25°C, VCC= 3.6V
8
12
16
dB
Gain flatness over any 80MHz BW
-0.5
0.5
dB
T= 25°C, VCC= 3.6V
Gain flatness across band
-1
1
dB
Noise Figure
2.5
3
dB
T= 25°C, VCC= 3.6V
2.5
3.5
dB
Rx Port Return Loss
10
20
dB
ANT Port Return Loss
10
15
dB
Nominal Input P1dB
-5
-3
dBm
T= 25°C, VCC= 3.6V
Current Consumption
10
16
mA
LNA_EN Control Current
130
200
µA
LNA Turn On Time
400
600
nS
Receive (ANT-RX)-Bypass
Mode
T= -10°C to +70°C, VCC= 3.2V to 5.0V,
unless otherwise noted
LNA Bypass Current
0.5
µA
Nominal Insertion Loss
5
8
11
dB
T= 25°C, VCC= 3.6V
RX Port Return Loss
8
15
dB
ANT Port Return Loss
10
20
dB
Nominal Input P1dB
15
20
dBm
T= 25°C, VCC= 3.6V
General Specifications
Control Line Impedance-PA_EN
75
kΩ
Control Line Impedance-LNA_EN
78
kΩ
Control Line Impedance-C_RX
27
MΩ
Switch Control Current – High - Each
Line
5
100
µA
Switch Control Current – Low - Each
Line
0.5
2
µA
Switching Speed
100
500
ns
ESD – Human Body Model
1000
V
PA Turn-on Time
200
500
ns
10% to 90%
PA Stability
20
dBm
No spurious above -41.25dBm/MHz
Maximum Input Power
12
dBm
Into 50Ω, V
CC= 3.3V, 25°C
12
dBm
6:1 VSWR, VCC= 3.3V, 25°C
5
dBm
10:1 VSWR, VCC= 3.3V, 25°C
Leakage Current
0
2
10
uA
VCC= 4.8V, T= 25°C, RF OFF, All control lines floating
Transmit (TX-ANT) High Power
Mode at 5V
Freq = 5.15GHz to 5.825GHz, VCC= 5.0V, T= +25°C,
50% Duty Cycle, unless otherwise noted.
Output Power
19.0
dBm
T= 25°C, VCC= 5.0V
80MHz 802.11ac Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
Output Power
20
dBm
T= 25°C, VCC= 5.0V
20MHz 802.11n Dynamic EVM
2.5
3
%
-32.0
-30.5
dB
Large Signal Gain
23
28
dB
Operation Current
270
mA
POUT= 19dBm
285
mA
POUT= 20dBm
Quiescent current
200
mA
RF = Off


Similar Part No. - RFFM8505SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QPCBA-410 RFMD-RFFM8500QPCBA-410 Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSQ RFMD-RFFM8500QSQ Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSR RFMD-RFFM8500QSR Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
More results

Similar Description - RFFM8505SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com