Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM8202PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8202PCK-410
Description  2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8202PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8202PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM8202PCK-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140710
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 8
RFFM8202
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT)
(continued)
POUT = 19dBm; T = 25ºC; VCC = 3.3V; PA_EN = High,
C_RX = C_BT = Low; Freq = 2.412GHz to 2.484GHz, measured
with a standard IEEE802.11g waveform,
unless otherwise noted
Second Harmonic
-23
-15
dBm/MHz
T = -40°C to +85°C, VCC = 3.0V to 4.8V
Third Harmonic
-50
-35
dBm/MHz
Power Detector Voltage
0.1
0.15
0.2
V
POUT = 0dBm, T = -40°C to +85°C, VCC = 3.0V to 4.8V
Power Detector Voltage
1.0
1.25
1.5
V
POUT = 22dBm, T = -40°C to +85°C, VCC = 3.0V to 4.8V
Variation from 0-360 degree load
pull
-1.5
1.5
dB
3:1 VSWR
2.4GHz Receive
Parameters
T = 25ºC; VCC = 3.3V, LNA_EN = High,
C_RX = High, C_BT = Low, PA_EN = Low
Compliance
IEEE802.11b/g/n, FCC CFG 15.247,.205,.209, EN, and JDEC
Frequency Range
2.412
2.484
GHz
LNA Voltage Supply
3.0
3.3
4.8
V
LNA VDD tied to VBATT at all times
LNA Current Supply
8
12
mA
T = 25°C
8
14
mA
T = -40°C to +85°C, VCC = 3.0V to 4.8V
LNA_EN Current
60
100
µA
Gain
Receive
10
13
15
dB
LNA ON; VCC = 3.3V; T = 25°C
8
13
16
dB
T = -40°C to +85°C, VCC = 3.0V to 4.8V
Bypass Mode
-14
-10
-7.5
dB
T = 25°C , LNA Low, C_RX = High, C_BT = Low, PA_EN = Low
-14.5
-10
-7
dB
T = -40°C to +85°C, VCC = 3.0V to 4.8V, LNA_EN = Low, C_RX = High,
C_BT = Low, PA_EN = Low
Noise Figure
2
3
dB
4
T = -40°C to +85°C, VCC = 3.0V to 4.8V
Input IP3
-7
2
dBm
T = -40°C to +85°C, VCC = 3.0V to 4.8V
Input P1dB
-12
-5
dBm
Output Return Loss
8.5
10
dB
Input Return Loss
4
5
dB
Bluetooth TX/RX
T = 25ºC; VCC = 3.3V, LNA_EN = Low,
C_RX = Low, C_BT = High, PA_EN = Low
Input / Output Power
20
dBm
T = -40°C to +85°C, VCC = 3.0V to 4.8V
Insertion Loss
0.5
1.2
dB
BT Port Return Loss
10
18
dB
ANT Port Return Loss
10
18
dB
Isolation
TX to RX
29
35
dB
In Tx Mode (measured from ANT to RX port)
BT to RX
24
27
dB
In BT Mode (measured from ANT to RX port)
TX to BT
9
18
dB
In Tx Mode (measured from ANT to BT port)
RX to BT
17
25
dB
In Rx High Gain Mode (measured from ANT to BT port)
RX to BT (Bypass mode)
17
20
dB
In Rx Bypass Mode (measured from ANT to BT port)


Similar Part No. - RFFM8202PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200PCK-410 RFMD-RFFM8200PCK-410 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SB RFMD-RFFM8200SB Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SR RFMD-RFFM8200SR Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200TR7 RFMD-RFFM8200TR7 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RFFM8202PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5765 RFMD-RF5765 Datasheet
1Mb / 14P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi FRONT-END MODULE
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com