Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6907SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6907SB
Description  2.8V to 4.0V, 915MHz Transmit/Receive Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6907SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6907SB Datasheet HTML 1Page - RF Micro Devices RFFM6907SB Datasheet HTML 2Page - RF Micro Devices RFFM6907SB Datasheet HTML 3Page - RF Micro Devices RFFM6907SB Datasheet HTML 4Page - RF Micro Devices RFFM6907SB Datasheet HTML 5Page - RF Micro Devices RFFM6907SB Datasheet HTML 6Page - RF Micro Devices RFFM6907SB Datasheet HTML 7Page - RF Micro Devices RFFM6907SB Datasheet HTML 8Page - RF Micro Devices RFFM6907SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision DS20150612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 9
RFFM6907
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
5.25
VDC
Storage Temperature Range
-40 to +85
°C
Operating Temperature Range
-30 to +70
°C
Maximum Input Power to PA Pin 18 (No Damage)
32
dBm
Maximum Input Power to Pin 16 (No Damage)
35
dBm
Maximum Input Power to Pins 5 and 7 (No Damage)
35
dBm
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Overall
Frequency
868
928
MHz
RF Port Impedance
50
ESD, HBM
1000
V
Pin to Ground
ESD, CDM
1000
V
Leakage Current
0.5
µA
VCC = 4V, temperature = 25°C
TX Section
VCC = 3.6V, ENABLE = high, temperature = 25°C
Select ANT1(CTRL2=high, CTRL1/3/4=low)
or ANT2(CTRL1=high, CTRL2/3/4=low)
Power Supply Operating Voltage
2.8
3.6
4.0
V
PA VCC
Input Power
14
16
dBm
Pin #18
CW Output Power – OP3dB
30
32
dBm
Across all rated temperatures
Operating Current
550
700
mA
PO = +30dBm
Quiescent Current
50
mA
RF=Off
Large Signal Gain
12.0
14.5
dB
PO = +30dBm, across all rated temperatures
Module PAE
50
%
Across all rated temperatures (takes into account filter and switches
Thermal Resistance
132
°C/W
2nd Harmonic
-20
dBc
PO = +30dBm, across all rated temperatures
3
rd to 10th Harmonic
-72
dBc
RX Section
VCC = 3.6V, ENABLE = low, temperature = 25°C
Select ANT1(CTRL4=high, CTRL1/2/3=low)
or ANT2(CTRL3=high, CTRL1/2/4=low)
Power Supply Operating Voltage
2.8
3.6
4.0
V
VCC Operating Current
200
µA
Insertion Loss ANT1/2 - RX
-0.6
dB
ANT1/2 - RX
Input P1dB
30
dBm
Input Return Loss
-10
dB
Input port at ANT1/2
Output Return Loss
-10
dB
Output port at RX


Similar Part No. - RFFM6907SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6907SB QORVO-RFFM6907SB Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
More results

Similar Description - RFFM6907SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com