Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6904PCK-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6904PCK-410
Description  3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6904PCK-410 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFFM6904PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 9Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RFFM6904
DS120605
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
-10
-8
-6
-4
-2
0
2
900 902 904 906 908 910 912 914 916 918 920 922 924 926 928
Gain (dB)
Frequency (MHz)
LNA Gain versus Frequency (Low Gain Mode)
Over Temperature
LNA VCC= 3.3V, LNAVREF =0V, LNA Select=High
-40 C
25 C
85 C
15
17
19
21
23
25
27
29
900 902 904 906 908 910 912 914 916 918 920 922 924 926 928
Gain (dB)
Frequency (MHz)
LNA Gain versus Frequency(High Gain Mode)
Over Temperature
LNA VCC andLNA VREF=3.3V;LNASel=Low
-40C
25 C
85 C
-15
-10
-5
0
5
10
15
902
912
922
IIP3 (dBm)
Frequency (MHz)
LNA IIP3 versus Frequency(In High Gain Mode)
(Over Tempreture)
LNA VCC andLNA VREF=3.3V;LNASel=Low
-40C
25 C
85 C
10
12
14
16
18
20
22
24
26
28
30
902
912
922
IIP3 (dBm)
Frequency (MHz)
LNA IIP3 Vs Frequency(Low Gain Mode)
(Over Temperature)
LNA VCC & LNA Vref = 3.3V; LNA Sel = High
-40C
25 C
85 C


Similar Part No. - RFFM6904PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results

Similar Description - RFFM6904PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com