Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6901TR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM6901TR13
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901TR13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFFM6901TR13 Datasheet HTML 3Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 4Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 5Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 6Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 7Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 8Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 9Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 10Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Out
32
GND
GND
GND
GND
CTL1
CTL2
CTL3
CTL4
GND
PA_VCC1
PA_VCC 2
ANT 1
ANT 2
RX
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
GND
NC
GND


Similar Part No. - RFFM6901TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6901TR13 QORVO-RFFM6901TR13 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
More results

Similar Description - RFFM6901TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com