Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6500PCK-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM6500PCK-410
Description  2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6500PCK-410 Datasheet(HTML) 9 Page - RF Micro Devices

  RFFM6500PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM6500PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision DS20150622
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6500
RFMD + TriQuint = Qorvo
9 of 9
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground
2
GND
Ground
3
GND
Ground
4
RX_OUT
Receive Output Signal Port
5
GND
Ground
6
CTL3
Control logic for Si Controller, tied permanently to ground
7
CTL2
Control logic for Si Controller
8
CTL1
Control Logic for Si Controller
9
GND
Ground
10
VCC
Module Supply Voltage
11
GND
Ground
12
GND
Ground
13
N/C
Not connected in FEM. May be grounded on PCB if desired.
14
GND
Ground
15
N/C
Not connected in FEM. May be grounded on PCB if desired.
16
GND
Ground
17
GND
Ground
18
GND
Ground
19
ANT
Antenna Output/Input
20
GND
Ground
21
GND
Ground
22
GND
Ground
23
FLT_IN
Input to Low Pass Filter
24
GND
Ground
25
PA_OUT
Power Amplifier Output Signal Port
26
GND
Ground
27
GND
Ground
28
GND
Ground
29
GND
Ground
30
GND
Ground
31
VREG
Analog input voltage for Power Amplifier power control
32
PA_IN
Power Amplifier Input Signal Port


Similar Part No. - RFFM6500PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6500PCK-410 QORVO-RFFM6500PCK-410 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results

Similar Description - RFFM6500PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com