Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6403PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6403PCK-410
Description  2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6403PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6403PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM6403PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision DS20151612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 10
RFFM6403
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit High Power Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V,
VAPC = 2.25V, EN = 1.8V, TR = 1.8V, BYP = 0.2V,
Measured Path=TX to ANT, Temperature = 25ºC
Output Power
30.0
30.5
dBm
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
28.5
dBm
VCCTx1, VCCTx2= 2.7V, PIN = +10dBm
Output P3dB
30.5
dBm
VCCTx1, VCCTx2 = 3.6V
Input Return Loss
13
dB
Output Return Loss Small Signal
7.5
dB
Operating Current
1000
1250
1400
mA
POUT = 30.5dBm, ICC TX1 + ICC TX2
Quiescent Current
120
mA
ICC TX1 + ICC TX2, RF = Off
IDD
14
POUT = 31.0dBm
Second Harmonic
-65
dBc
POUT = 30.5dBm, Fo= 405MHz
-67
dBc
POUT = 30.5dBm, Fo= 413MHz to 475MHz
Third - Tenth Harmonic
-70
dBc
POUT = 30.5dBm
Gain
20.0
20.5
dB
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
18.5
dB
VCCTx1, VCCTx2= 2.7V, PIN = +10dBm
Output Power Variation
-0.4
-0.4
dB
Over frequencies and voltage
Module PAE
25
%
VCCTx1, VCCTx2 = 3.6V, POUT = 30dBm (takes into account filter and switches)
PA PAE
54
%
VCCTx1, VCCTx2 = 3.6V, POUT = 30dBm (Excludes losses of module filter and
switches)
Transmit Bypass Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V,
VAPC = 0.0V, EN = 1.8V, TR = 1.8V, BYP = 1.8V,
Measured Path=TX to ANT, Temperature = 25ºC
Insertion Loss
2.5
3.0
dB
Input P1dB
26
30
dBm
Input IP3
43
45
dBm
Input Return Loss
15
dB
Output Return Loss
15
dB
Second Harmonic Attenuation
30
dB
Second Harmonic Insertion Loss
Third - Tenth Harmonic Attenuation
50
dB
Third-Tenth Harmonic Insertion Loss
Receive Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 0.2V,
Measured Path = SAW2 to RX, Temperature = 25ºC
IP1dB
-12
-6
dBm
Gain
14
15
16
dB
Operating Current
4
5
7
mA
IDD
1
mA
Noise Figure
1.9
2.7
dB
IIP3
1
3
5
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB


Similar Part No. - RFFM6403PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401PCK-410 RFMD-RFFM6401PCK-410 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401SB RFMD-RFFM6401SB Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401SR RFMD-RFFM6401SR Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401TR13 RFMD-RFFM6401TR13 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
More results

Similar Description - RFFM6403PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com