Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6406SQ Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFFM6406SQ
Description  2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6406SQ Datasheet(HTML) 8 Page - RF Micro Devices

  RFFM6406SQ Datasheet HTML 1Page - RF Micro Devices RFFM6406SQ Datasheet HTML 2Page - RF Micro Devices RFFM6406SQ Datasheet HTML 3Page - RF Micro Devices RFFM6406SQ Datasheet HTML 4Page - RF Micro Devices RFFM6406SQ Datasheet HTML 5Page - RF Micro Devices RFFM6406SQ Datasheet HTML 6Page - RF Micro Devices RFFM6406SQ Datasheet HTML 7Page - RF Micro Devices RFFM6406SQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
Revision DS20150708
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
8 of 8
RFFM6406
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground
2
TR
Digital Input: Transmit/Receive
3
EN
Digital Input: Shutdown Mode
4
BYP
Digital Input: RX Bypass Mode
5
VAPC
Analog Input
6
GND
Ground
7
ANT
Antenna Switch Common Port, internally matched to 50
Ω, DC Blocked
8
GND
Ground
9
GND
Ground
10
SAW1
Receive side of antenna switch, internally matched to 50
Ω, DC Blocked
11
GND
Ground
12
GND
Ground
13
SAW2
RX and RX bypass input port, internally matched to 50
Ω, DC Blocked
14
NC
Not internally connected/open
15
GND
Ground
16
NC
Not internally connected/open
17
VCC_RX
3.3V power supply
18
RX
Receive output, internally matched to 50
Ω, DC Blocked
19
GND
Ground
20
TX
TX and TX bypass input port, internally matched to 50W, DC Blocked
21
GND
Ground
22
GND
Ground
23
VDD
3.9V power supply
24
VCC_TX1
3.9V power supply
25
NC
Not internally connected/open
26
VCC_TX2
3.9V power supply
27
GND
Ground
28
GND
Ground
Pkg Base
GND
Electrical Ground connection. The back side of the package should be connected to the ground plane
through as short a connection as possible, e.g., PCB vias under the device are recommended.


Similar Part No. - RFFM6406SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6406SQ QORVO-RFFM6406SQ Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
More results

Similar Description - RFFM6406SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com