Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4274A Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4274A
Description  Single PoE/PoE/LTPoE PSE Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274A Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4274A_15 Datasheet HTML 6Page - Linear Technology LTC4274A_15 Datasheet HTML 7Page - Linear Technology LTC4274A_15 Datasheet HTML 8Page - Linear Technology LTC4274A_15 Datasheet HTML 9Page - Linear Technology LTC4274A_15 Datasheet HTML 10Page - Linear Technology LTC4274A_15 Datasheet HTML 11Page - Linear Technology LTC4274A_15 Datasheet HTML 12Page - Linear Technology LTC4274A_15 Datasheet HTML 13Page - Linear Technology LTC4274A_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC4274A/LTC4274C
10
4274acfd
For more information www.linear.com/LTC4274A
TEST TIMING DIAGRAMS
Figure 1. Detect, Class and Turn-On Timing in AUTO Pin or Semi-auto Modes
Figure 2. Current Limit Timing
Figure 3. DC Disconnect Timing
VPORT
INT
VOC
VEE
tDET
tME
tMEL
VMARK
VCLASS
15.5V
20.5V
tCLE
tCLE
tCLEON
PD
CONNECTED
0V
4274AC F01
FORCED-CURRENT
CLASSIFICATION
tPON
FORCED-
VOLTAGE
VLIM
VCUT
0V
VSENSE TO VEE
INT
4274AC F02
tSTART, tICUT
VMIN
VSENSE
TO VEE
INT
tDIS
tMPS
4274AC F03


Similar Part No. - LTC4274A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274A LINER-LTC4274A Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
More results

Similar Description - LTC4274A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
   8-Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com