Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4274A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4274A
Description  Single PoE/PoE/LTPoE PSE Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274A Datasheet(HTML) 1 Page - Linear Technology

  LTC4274A_15 Datasheet HTML 1Page - Linear Technology LTC4274A_15 Datasheet HTML 2Page - Linear Technology LTC4274A_15 Datasheet HTML 3Page - Linear Technology LTC4274A_15 Datasheet HTML 4Page - Linear Technology LTC4274A_15 Datasheet HTML 5Page - Linear Technology LTC4274A_15 Datasheet HTML 6Page - Linear Technology LTC4274A_15 Datasheet HTML 7Page - Linear Technology LTC4274A_15 Datasheet HTML 8Page - Linear Technology LTC4274A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC4274A/LTC4274C
1
4274acfd
For more information www.linear.com/LTC4274A
n
LTPoE++ PSE Switches/Routers
n
LTPoE++ PSE Midspans
n
IEEE 802.3at Type 1 PSE Switches/Routers
n
IEEE 802.3at Type 1 PSE Midspans
APPLICATIONS
FEATURES
DESCRIPTION
Single PoE/PoE+/LTPoE++
PSE Controller
The LTC®4274A is a single Power Sourcing Equipment
(PSE)controllercapableofdeliveringupto90WofLTPoE++
power to a compatible LTPoE++ Powered Device (PD). A
proprietarydetection/classificationschemeallowsmutual
identification between a LTPoE++ PSE and LTPoE++ PD
whileremainingcompatibleandinteroperablewithexisting
Type 1 (13W) and Type 2 (25.5W) PDs. The LTC4274A
feature set is a superset of the popular LTC4274. These
PSE controllers feature low-RON external MOSFETs and
0.25Ω sense resistors which are especially important at
the LTPoE++ current levels to maintain the lowest possible
heat dissipation.
TheLTC4274CtargetsfullyautomaticPSEsystemspower-
ing Type 1 (up to 13W) PDs.
Advanced power management features include: a 14-bit
currentmonitoringADC,DAC-programmablecurrentlimit,
and versatile quick port shutdown. PD Discovery uses
a proprietary dual-mode 4-point detection mechanism
ensuring excellent immunity from false PD detection.
The LTC4274A/LTC4274C includes an I2C serial interface
operable up to 1MHz.
The LTC4274A/LTC4274C is available in multiple power
grades, allowing delivered PD power of 13W, 25.5W,
38.7W, 52.7W, 70W and 90W. These controllers are avail-
able in a 38-lead 5mm × 7mm QFN package.
n
Compliant with IEEE 802.3at Type 1 and 2
n
Low Power Dissipation
n
0.25Ω Sense Resistance Per Channel
n
Very High Reliability 4-Point PD Detection
n
2-Point Forced Voltage
n
2-Point Forced Current
n
High Capacitance Legacy Device Detection
n
1MHz I2C Compatible Serial Control Interface
n
Midspan Backoff Timer
n
Supports 2-Pair and 4-Pair Output Power
n
Available in Multiple Power Grades
n
LTC4274A-1: LTPoE++
™ 38.7W
n
LTC4274A-2: LTPoE++ 52.7W
n
LTC4274A-3: LTPoE++ 70W
n
LTC4274A-4: LTPoE++ 90W
n
LTC4274C: PoE 13W
n
Available in 38-Lead 5mm × 7mm QFN Package
TYPICAL APPLICATION
Complete Single-Port Ethernet High Power Source
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
LTPoE++ are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
4274AC TA01
VDD
DGND
AGND
VEE SENSE
–54V
1µF
100V
SMAJ58A
GATE OUT
PORT
0.22µF
100V
S1B
S1B
–54V
AD0 AD1 AD2 AD3
SCL SDAIN SDAOUT INT
AUTO
MSD
RESET
MID
0.1µF
LTC4274AC
SHDN
SMAJ5.0A
10Ω
10Ω
3.3V
+
10µF
+
CBULK
TVSBULK


Similar Part No. - LTC4274A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274A LINER-LTC4274A Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
More results

Similar Description - LTC4274A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
   8-Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com