Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4120-4.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4120-4.2
Description  Wireless Power Receiver and 400mA Buck Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4120-4.2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4120-4.2_15 Datasheet HTML 1Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 2Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 3Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4120-4.2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4120/LTC4120-4.2
5
4120fe
For more information www.linear.com/LTC4120
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VRUN = 15V, VCHGSNS = VBAT = 4V, RPROG = 3.01k,
VFB = 2.29V (LTC4120), VBATSNS = 4V (LTC4120-4.2). Current into a pin is positive out of the pin is negative.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RUN
VEN
Enable threshold
VRUN Rising
l
2.35
2.45
2.55
V
Hysteresis
VRUN Falling
200
mV
Run Pin Input Current
VRUN = 40V
0.01
0.1
µA
VSD
Shutdown Threshold (Note 3)
VRUN Falling
l
0.4
1.2
V
Hysteresis
220
mV
FREQ
FREQ Pin Input Low
l
0.4
V
FREQ Pin Input High
VINTVCC-VFREQ
l
0.6
V
FREQ Pin Input Current
0V < VFREQ < VINTVCC
±1
µA
Dynamic Harmonization Control
VIN(DHC)
Input Regulation Voltage
14
V
DHC Pin Current
VDHC = 1V, VIN < VIN(DHC)
330
mARMS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4120 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC4120E is guaranteed to meet performance specifications
for junction temperatures from 0°C to 85°C. Specifications over the
–40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC4120I is guaranteed over the full –40°C to 125°C operating
junction temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance, and other environmental factors.
Note 3: Standby mode occurs when the LTC4120 stops switching due
to an NTC fault condition, or when the charge current has dropped low
enough to enter Burst Mode operation. Disabled mode occurs when VRUN
is between VSD and VEN. Shutdown mode occurs when VRUN is below VSD
or when the differential undervoltage lockout is engaged. SLEEP mode
occurs after a timeout while the battery voltage remains above the VRCHG
or VRCHG_42 threshold.
Note 4: The internal supply INTVCC should only be used for the NTC
divider, it should not be used for any other loads.
Note 5: The FB pin is measured with a resistance of 588k in series with
the pin.
Note 6: hC/10 is expressed as a fraction of measured full charge current as
measured at the PROG pin voltage when the CHRG pin de-asserts.
Note 7: In an application circuit with an inductor connected from SW to
CHGSNS, the total battery leakage current when disabled is the sum of
IBAT, IFBG(LEAK) and ISW (LTC4120), or IBATSNS and IBAT and ISW (LTC4120-
4.2).
Note 8: When no supply is present at IN, the SW powers IN through
the body diode of the topside switch. This may cause additional SW pin
current depending on the load present at IN.
Note 9: Guaranteed by design and/or correlation to static test.
elecTrical characTerisTics


Similar Part No. - LTC4120-4.2_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4120-4.2 AD-LTC4120-4.2 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
More results

Similar Description - LTC4120-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4120 LINER-LTC4120_15 Datasheet
786Kb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Analog Devices
LTC4120 AD-LTC4120 Datasheet
1Mb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
logo
Linear Technology
LTC4120 LINER-LTC4120 Datasheet
874Kb / 32P
   Wireless Power Receiver and 400mA Buck Battery Charger
LTC4120EUD-4.2 LINER-LTC4120EUD-4.2 Datasheet
960Kb / 12P
   Wireless Power Receiver and 400mA Buck Battery Charger
LTC4120EUD LINER-LTC4120EUD Datasheet
1Mb / 14P
   Wireless Power Receiver and 400mA Buck Battery Charger
DC1967A LINER-DC1967A_15 Datasheet
98Kb / 2P
   400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
logo
Semtech Corporation
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
logo
Linear Technology
LTC4121EUD LINER-LTC4121EUD Datasheet
1Mb / 8P
   400mA Synchronous Buck Battery Charger
logo
Texas Instruments
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI-BQ51050B Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com