Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6204 Datasheet(PDF) 2 Page - Rohm

Part # S6204
Description  SiC Schottky Barrier Diode Bare Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S6204 Datasheet(HTML) 2 Page - Rohm

  S6204 Datasheet HTML 1Page - Rohm S6204 Datasheet HTML 2Page - Rohm S6204 Datasheet HTML 3Page - Rohm S6204 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
S6204
24
-
mA
IF=8A,Tj=150°C
-
1.55
-
V
Forward voltage
Reverse current
Total capacitance
Total capacitive charge
nC
-
56
IR
C
Qc
291
-
V
mA
pF
VR=1V,f=1MHz
ns
VR=600V,f=1MHz
-
VR=400V,di/dt=350A/ms
-
13
-
-
pF
30
Switching time
tc
-
13
-
VR=400V,di/dt=350A/ms
mA
VR=600V,Tj=25°C
V
1.6
1.63
IF=8A,Tj=175°C
VR=600V,Tj=175°C
V
160
-
-
-
1.35
-
-
lElectrical characteristics (Tj = 25°C)
600
VDC
IR =0.16mA
Parameter
Conditions
DC blocking voltage
Typ.
Unit
Max.
Min.
-
Values
1.55
-
IF=8A,Tj=25°C
Symbol
-
VF
VR=600V,Tj=150°C
-
2/3
2014.05 - Rev.A


Similar Part No. - S6204

ManufacturerPart #DatasheetDescription
logo
Powerbox
S620 POWERBOX-S620 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
logo
Motorola, Inc
S6200 MOTOROLA-S6200 Datasheet
78Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
S6200 DIGITRON-S6200 Datasheet
202Kb / 3P
   SILICON CONTROLLED RECTIFIER
S6200A DIGITRON-S6200A Datasheet
202Kb / 3P
   SILICON CONTROLLED RECTIFIER
S6200B DIGITRON-S6200B Datasheet
202Kb / 3P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - S6204

ManufacturerPart #DatasheetDescription
logo
Rohm
S6203 ROHM-S6203 Datasheet
436Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6301 ROHM-S6301 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6306 ROHM-S6306 Datasheet
438Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6202 ROHM-S6202 Datasheet
436Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6302 ROHM-S6302 Datasheet
512Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6304 ROHM-S6304 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6401 ROHM-S6401 Datasheet
976Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6404 ROHM-S6404 Datasheet
986Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6403 ROHM-S6403 Datasheet
984Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6205 ROHM-S6205 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com