Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4551SQ Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM4551SQ
Description  4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4551SQ Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM4551SQ Datasheet HTML 2Page - RF Micro Devices RFFM4551SQ Datasheet HTML 3Page - RF Micro Devices RFFM4551SQ Datasheet HTML 4Page - RF Micro Devices RFFM4551SQ Datasheet HTML 5Page - RF Micro Devices RFFM4551SQ Datasheet HTML 6Page - RF Micro Devices RFFM4551SQ Datasheet HTML 7Page - RF Micro Devices RFFM4551SQ Datasheet HTML 8Page - RF Micro Devices RFFM4551SQ Datasheet HTML 9Page - RF Micro Devices RFFM4551SQ Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150211
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 10
RFFM4551
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground connection
2
RX
RF output port for the 802.11a/n/ac LNA. This port is
matched to 50Ω and DC block is provided internally.
3
GND
Ground connection
4
VDD
Supply voltage for the LNA and PA regulator. See applications schematic for biasing and bypassing
components.
5
PDET
Power detector voltage for the TX path. May need external series R/shunt C to adjust voltage level and to
filter RF noise.
6
PA_EN
Control voltage for the PA and TX switch. See truth table for proper settings.
7
NC
No Connect. This pin is not connected internally and can be left floating or connected to ground.
8
TX
RF input port for the 802.11a/n PA. Input is
matched to 50Ω and DC block is provided internally.
9
NC
No Connect. This pin is not connected internally and can be left floating or connected to ground.
10
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
11
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
12
GND
Ground connection
13
ANT
RF bidirectional antenna port matched to 50Ω and DC block is provided internally.
14
GND
Ground connection
15
CRX
Receive switch control pin. See truth table
16
LNA_EN
Control voltage for the LNA. When this pin is set to a low logic state, the bypass mode is enabled.
PKG BASE
GND
Ground connection. The backside of the package should be connected to the ground plane through a short
path, i.e., PCB vias under the device are recommended.


Similar Part No. - RFFM4551SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4551SQ QORVO-RFFM4551SQ Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4551SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
   Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
logo
RF Micro Devices
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4552 RFMD-RFFM4552 Datasheet
580Kb / 12P
   802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com