Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3862 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3862
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3862_15 Datasheet HTML 3Page - Linear Technology LTC3862_15 Datasheet HTML 4Page - Linear Technology LTC3862_15 Datasheet HTML 5Page - Linear Technology LTC3862_15 Datasheet HTML 6Page - Linear Technology LTC3862_15 Datasheet HTML 7Page - Linear Technology LTC3862_15 Datasheet HTML 8Page - Linear Technology LTC3862_15 Datasheet HTML 9Page - Linear Technology LTC3862_15 Datasheet HTML 10Page - Linear Technology LTC3862_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LTC3862
7
3862fc
For more information www.linear.com/LTC3862
Typical perForMance characTerisTics
Maximum Current Sense
Threshold vs Duty Cycle
RUN Threshold vs Temperature
RUN Threshold vs Input Voltage
RUN (Off) Source Current vs
Temperature
RUN Source Current vs
Input Voltage
DUTY CYCLE (%)
50
60
70
80
55
65
75
20
40
60
80
3862 G18
100
10
0
30
50
70
90
SLOPE = 0.625
SLOPE = 1.66
SLOPE = 1
TEMPERATURE (°C)
–50
1.10
1.15
1.20
1.25
1.30
–25
0
25
50
3862 G09
75
ON
OFF
100 125 150
INPUT VOLTAGE (V)
0
1.3
1.4
1.5
15
25
40
3862 G20
1.2
1.1
1.0
5
10
20
ON
OFF
30
35
RUN (On) Source Current vs
Temperature
TEMPERATURE (°C)
–50
–1.0
–0.9
–0.7
–0.6
–0.5
0
–0.3
0
50
75
3862 G21vv
–0.8
–0.2
–0.1
–0.4
–25
25
100 125 150
TEMPERATURE (°C)
–50
–4
–2
150
1344 G06
–6
–8
0
50
100
–25
25
75
125
0
–5
–3
–7
–1
INPUT VOLTAGE (V)
4
8
–3
–2
–1
28
3862 G23
–4
–5
12
16
20
32
24
36
–6
–7
0
Soft-Start Current vs
Soft-Start Voltage
Oscillator Frequency vs
Temperature
Soft-Start Current vs Temperature
TEMPERATURE (°C)
–50
–5.6
–5.5
–5.4
–5.3
–5.2
0
50
100
150
3862 G24
–5.1
–5.0
–25
25
75
125
SOFT-START VOLTAGE (V)
0
–6
–5
–4
–3
–2
1
2
3
4
3862 G25
–1
0
0.5
1.5
2.5
3.5
TEMPERATURE (°C)
–50
302
303
304
305
150
3862 G26
301
300
298
0
50
100
–25
25
75
125
299
307
306


Similar Part No. - LTC3862_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Analog Devices
LTC3862-1 AD-LTC3862-1 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
More results

Similar Description - LTC3862_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862 Datasheet
612Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com