Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM4501SB Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFFM4501SB
Description  3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501SB Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFFM4501SB Datasheet HTML 3Page - RF Micro Devices RFFM4501SB Datasheet HTML 4Page - RF Micro Devices RFFM4501SB Datasheet HTML 5Page - RF Micro Devices RFFM4501SB Datasheet HTML 6Page - RF Micro Devices RFFM4501SB Datasheet HTML 7Page - RF Micro Devices RFFM4501SB Datasheet HTML 8Page - RF Micro Devices RFFM4501SB Datasheet HTML 9Page - RF Micro Devices RFFM4501SB Datasheet HTML 10Page - RF Micro Devices RFFM4501SB Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RFFM4501
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground connection.
2RX
RF output port for the 802.11a/n LNA. Input is matched to 50
Ω and DC block is provided internally.
3GND
Ground connection.
4VDD
Supply voltage for the LNA. See applications schematic for biasing and bypassing components.
5PDET
Power detector voltage for Tx section. PDET voltage varies with output power. May need external capacitor
for noise decoupling.
6PA_EN
Control voltage for the PA and Tx switch. See truth table for proper settings.
7NC
Not Connected. This Pin is not internally connected so customer has the choice to leave it NC or ground it.
8TX
RF input port for the 802.11a/n PA. Input is matched to 50
Ω and DC block is provided internally.
9NC
Not Connected. This Pin is not internally connected so customer has the choice to leave it NC or ground it.
10
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
11
VCC
Supply voltage for the PA. See applications schematic for biasing and bypassing components.
12
GND
Ground connection.
13
ANT
RF bidirectional antenna port matched to 50
Ω and is DC block is provided internally.
14
GND
Ground connection.
15
C_RX
Receive switch control pin. See switch truth table for proper level.
16
LNA_EN
Control voltage for the LNA. When this pin is set to a LOW logic state, the bypass mode is enabled.
Pkg Base
GND
Ground connection.


Similar Part No. - RFFM4501SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4501SB QORVO-RFFM4501SB Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
More results

Similar Description - RFFM4501SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4501 QORVO-RFFM4501 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
   3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com