Electronic Components Datasheet Search |
|
RFFM4202 Datasheet(PDF) 2 Page - RF Micro Devices |
|
RFFM4202 Datasheet(HTML) 2 Page - RF Micro Devices |
2 / 15 page 2 of 15 RFFM4202 DS120427 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Absolute Maximum Ratings Parameter Rating Unit Supply Voltage (RF Applied) -0.5 to +5.25 V Supply Voltage (No RF Applied) -0.5 to +6.0 V DC Supply Current (RMS) 1200 mA Input RF Power with 50 Output Load. +10 dBm Maximum VSWR with no Damage 10:1 Operating Ambient Temperature -40 to +85 °C Storage Temperature -40 to +150 °C Maximum Juction Temperature TJ-MAX 175 °C Moisture Sensitivity MSL3 Parameter Specification Unit Condition Min. Typ. Max. Typical Conditions T=25 °C, V CC =5.0 V, V REG=2.9V, using an IEEE802.11g waveform, 54MBps, unless otherwise noted Tx Performance - 11g/n Compliance with standard 802.11g/n Frequency 2412 2484 MHz 802.11n Output Power 27 27.5 dBm 802.11n HT20 and HT40 MCS7 802.11n Dynamic EVM 2.5 3 % 802.11g Output Power 27.3 27.8 dBm At VCC = 5.25V; 802.11n HT20 and HT40 MCS7 802.11n Dynamic EVM 2.5 3 % 802.11g Output Power 27.5 28 dBm 802.11g 64QAM 54MBps 802.11n Dynamic EVM 2.5 3 % Second Harmonic -40 -32 dBm/MHz 11n HT40 MCS0/7 at rated POUT Third Harmonic -50 -40 dBm/MHz 11n HT40 MCS0/7 at rated POUT Tx Performance - Spectral Mask Compliance with standard 802.11b 802.11b Output Power 27.5 dBm Meet 802.11b CCK 1MBps mask spec 802.11n Output Power 27 27.5 dBm Meet 802.11n HT20/HT40 MSC7 mask Tx Performance - Generic Gain 31.5 34 37 dB At rated POUT Gain variation over Temperature +/-2.5 dB Over temperature of -40°C to +85°C Low Gain Mode - Gain Reduction 23 dB Drop in gain vs. high gain mode by setting VREG2 = 0V Power Detect Range 0.165 2.3 V POUT = 5dBm to 30dBm Power Detect Voltage 1.55 V At rated POUT Input Return Loss - Tx_in pin 10 15 dB In specified frequency band Output Return Loss at ANT Pin 6 8 dB In specified frequency band Operating Current 925 1050 mA At rated POUT Quiescent Current 510 600 mA VCC = 5.0V, VREG = 2.9V, and RF = OFF PAE (Power Added Efficiency) 17 % At rated POUT (PA only) IREG 7 10 mA In TX mode PDOWN Current - VREG Supply 10 12.5 mA PDOWN = 0V, VREG = 2.9V, VCC = 5V PDOWN Current - VCC Supply 1.4 2.5 mA PDOWN = 0V, VREG = 2.9V, VCC = 5V Leakage Current 0.2 0.6 mA VCC = 5V, VREG = 0V, PDOWN = 0V Caution! ESD sensitive device. Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical perfor- mance or functional operation of the device under Absolute Maximum Rating condi- tions is not implied. The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a flame retardant, and <2% antimony in solder. |
Similar Part No. - RFFM4202 |
|
Similar Description - RFFM4202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |