Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETM4-1T-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ETM4-1T-2
Description  00.05 - 3.072 MHz E-Series RF 4:1 Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ETM4-1T-2 Datasheet(HTML) 1 Page - Tyco Electronics

  ETM4-1T-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETM4-1T-2
00.05 - 3.072 MHz
E-Series RF 4:1 Transformer
CERTIFIED
ISO 9001
Not Connected
-
Case Ground
5
Features
Specifications @ 25°C
Frequency Range
SM-1
* 4:1 Impedance Ratio
0.05 - 3.072 MHz
00.05 - 3.072 MHz
0.05 - 3.072 MHz
0.1 dB
250 mW
30 mA
-20°C to +85°C
1 dB
0.05 - 3.072 MHz
Amplitude Imbalance
Phase Imbalance
Maximum
Maximum
Insertion Loss
Maximum
Schematic
Operating Temperature
DC Current
RF Power
Parameter
Absolute Maximum
Absolute Maximum Ratings
3
1
2
4
6
-
Function
Pin No.
Primary dot
Primary
Primary CT
Secondary dot
Secondary
Secondary CT
Additional Specifications:
Return Loss: (< or =) 18 dB @ 0.05 - 3.072 MHz
(< or =) 25 dB @ 0.20 - 3.072 MHz
* CT on Primary
Storage Temperature
-55°C to 100°C
Specifications Subject to Change Without Notice
S 0887 C
AMP M/A-COM Eurotec * Loughmahon Technology Park * Blackrock * Cork * Ireland * Tel: 353-21-808300 * Fax: 353-21-359935


Similar Part No. - ETM4-1T-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETM4-1T-2 MA-COM-ETM4-1T-2 Datasheet
115Kb / 2P
   4:1 RF Transformer 0.05 - 3.072 MHz
ETM4-1T-2TR MA-COM-ETM4-1T-2TR Datasheet
115Kb / 2P
   4:1 RF Transformer 0.05 - 3.072 MHz
More results

Similar Description - ETM4-1T-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETM4-1T-2 MA-COM-ETM4-1T-2 Datasheet
115Kb / 2P
   4:1 RF Transformer 0.05 - 3.072 MHz
MABA-009807-CF4010 MA-COM-MABA-009807-CF4010 Datasheet
133Kb / 3P
   4:1 RF Transformer 0.05 - 3.072 MHz
logo
Tyco Electronics
ETC4-1-75 MACOM-ETC4-1-75 Datasheet
85Kb / 1P
   E-Series RF 1:4 Transformer 50 - 750 MHz
MABA-008570-ETC414 MACOM-MABA-008570-ETC414 Datasheet
56Kb / 2P
   E-Series RF 1:4 Transformer 3.0 - 110 MHz
ET4-1-SM1 MACOM-ET4-1-SM1 Datasheet
156Kb / 2P
   E-Series RF 4:1 Transformer 0.5 - 350 MHz
logo
M/A-COM Technology Solu...
MABA-008570-ETC414 MA-COM-MABA-008570-ETC414 Datasheet
55Kb / 2P
   E-Series RF 1:4 Transformer 3.0 - 110 MHz
logo
Tyco Electronics
ETC4-1-8 MACOM-ETC4-1-8 Datasheet
76Kb / 1P
   E-Series RF 1:4 Transformer 20 - 350 MHz
ETK4-1T MACOM-ETK4-1T Datasheet
133Kb / 2P
   E-Series RF 4:1 Transformer 8.0 - 750 MHz
MABAES0034 MACOM-MABAES0034 Datasheet
42Kb / 1P
   E-Series RF 4:1 Transformer 20 - 1000 MHz
logo
M/A-COM Technology Solu...
MABA-009488-61HWCA MA-COM-MABA-009488-61HWCA Datasheet
107Kb / 2P
   E-Series RF 1:4 Transformer 3-800 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com