Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFD19247 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IFD19247
Description  Ceramic bandpass filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IFD19247 Datasheet(HTML) 2 Page - Integrated Technology Future

  IFD19247 Datasheet HTML 1Page - Integrated Technology Future IFD19247 Datasheet HTML 2Page - Integrated Technology Future IFD19247 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic Bandpass Filter IFD19247
Part No.
IFD19247
Rev. Date
2014-09-03
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS 01
2/3
Specifications
Fo =
1925MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Minimum
Typical
Maximum
Unit
Center Frequency (
Fo
)
-
1925
-
MHz
Insertion Loss (1920 ~ 1930MHz)
-
2.
2.5
dB
Amplitude Ripple (1920 ~ 1930MHz)
-
0.3
0.5
dB
Return Loss (1920 ~ 1930MHz)
15
18
-
dB
Relative Attenuation
839 ~ 894 MHz
1770 ~ 1870 MHz
2110 ~ 2120 MHz
50.0
35.0
45.0
53.0
38.0
48.0
-
-
-
dB
Input/Output Impedance
50
Ohm


Similar Part No. - IFD19247

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD19442 ITF-IFD19442 Datasheet
140Kb / 4P
   Ceramic bandpass filter
IFD19446 ITF-IFD19446 Datasheet
149Kb / 4P
   Ceramic bandpass filter
IFD19524 ITF-IFD19524 Datasheet
191Kb / 4P
   Ceramic bandpass filter
IFD19560 ITF-IFD19560 Datasheet
198Kb / 4P
   Ceramic bandpass filter
IFD19665 ITF-IFD19665 Datasheet
146Kb / 4P
   Ceramic bandpass filter
More results

Similar Description - IFD19247

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IFD19750 ITF-IFD19750 Datasheet
122Kb / 3P
   Ceramic bandpass filter
IFD27905 ITF-IFD27905 Datasheet
169Kb / 4P
   Ceramic bandpass filter
IFD34631 ITF-IFD34631 Datasheet
163Kb / 4P
   Ceramic bandpass filter
IFD16504 ITF-IFD16504 Datasheet
118Kb / 3P
   Ceramic bandpass filter
IFD17734 ITF-IFD17734 Datasheet
132Kb / 4P
   Ceramic bandpass filter
IFD17928 ITF-IFD17928 Datasheet
153Kb / 4P
   Ceramic bandpass filter
IFD18353 ITF-IFD18353 Datasheet
278Kb / 4P
   Ceramic bandpass filter
IFD21148 ITF-IFD21148 Datasheet
124Kb / 3P
   Ceramic bandpass filter
IFD35001 ITF-IFD35001 Datasheet
159Kb / 4P
   Ceramic bandpass filter
IFD18806 ITF-IFD18806 Datasheet
133Kb / 4P
   Ceramic bandpass filter
IFD08332 ITF-IFD08332 Datasheet
125Kb / 4P
   Ceramic bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com