Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETC4-1T-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ETC4-1T-7
Description  E-Series RF 1:4 Transmission Line Step-up Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ETC4-1T-7 Datasheet(HTML) 1 Page - Tyco Electronics

  ETC4-1T-7 Datasheet HTML 1Page - Tyco Electronics ETC4-1T-7 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1:4 Transformer — 6.0 - 1000 MHz
ETC4-1T-7
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S 0804 F
Features
• Surface Mount
• 1:4 Impedance Ratio
• CT on Secondary
• Available on Tape & Reel
Description
M/A-COM’s ETC4-1T-7 is a 1:4 RF transmission line step-up
transformer in a low cost, surface mount package. Ideally suited
for high volume cellular and wireless applications. Typical
applications include single to balanced mode conversion and
impedance matching.
SM-22 Package
E-Series RF 1:4 Transmission Line Step-up
Transformer
ETC4-1T-7
Schematic
Note: Mean and Sigma calculated from average loss at @ (fU - fL)/2 + fL
Please Note that the photograph above indicates typical package only, not actual unit.
(3.30)
(2.54)
0.100
(0.762)
(1.397)
0.055
(4.83)
0.190
0.130
0.030
(3.81 MAX)
0.150 MAX
(0.762)
0.030
0.030
(0.762)
0.030
(0.762)
(1.27)
0.050
(3.81)
0.150
(3.81)
0.150
(1.65)
0.065
Electrical Specifications @25°C
Parameter
Units
Nominal
Maximum
Mean (x)
Sigma (
σ)
Frequency Range 6.0 - 1000
MHz
Insertion Loss (fL - fU)
6.0 - 600 MHz
600 - 1000 MHz
dB
dB
2.0
3.0
1.06
0.027
Amplitude Unbalance
6.0 - 1000 MHz
dB
1.0
Phase Unbalance
6.0 - 1000 MHz
Degrees
10
Primary Dot 5
Primary 4
1 Secondary Dot
2 Secondary CT
3 Secondary


Similar Part No. - ETC4-1T-7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC4-1T-7 MA-COM-ETC4-1T-7 Datasheet
134Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
Tyco Electronics
ETC4-1T-75 MACOM-ETC4-1T-75 Datasheet
105Kb / 1P
   E-Series RF 1:4 Transformer 40 - 1000 MHz
ETC4-1T-7TR MACOM-ETC4-1T-7TR Datasheet
136Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 6 - 1000 MHz
ETC4-1T-7 MACOM-ETC4-1T-7_1 Datasheet
136Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 6 - 1000 MHz
More results

Similar Description - ETC4-1T-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETK4-2T MACOM-ETK4-2T Datasheet
92Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T_15 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T-V2 MA-COM-MABA-007569-ETK42T-V2 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423_15 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-008639-TC41T7_V2 MA-COM-MABA-008639-TC41T7_V2 Datasheet
83Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423_V6 MA-COM-MABA-007236-C16423_V6 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
ETC4-1T-7 MA-COM-ETC4-1T-7 Datasheet
134Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com