Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDL03439 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IDL03439
Description  Usable bandwidth 9 MHz Rx. And Tx. band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDL03439 Datasheet(HTML) 2 Page - Integrated Technology Future

  IDL03439 Datasheet HTML 1Page - Integrated Technology Future IDL03439 Datasheet HTML 2Page - Integrated Technology Future IDL03439 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LC DUPLEXER IDD03439
345.1MHz / 440.1 MHz
Part No.
IDD03439
Rev. Date
2014-8-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
2/3
Specification
Fo = 345.1 MHz / 440.1 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 3 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured absolute to insertion loss
ANT to Rx
Minimum
Typical
Maximum
Insertion loss (345.1 MHz +/-4.5 MHz)
dB
-
1.0
1.2
Amplitude Ripple (345.1 MHz +/-4.5 MHz)
dB
-
0.3
0.5
Return Loss (345.1 MHz +/-4.5 MHz)
dB
15
18
-
Input power (345.1 MHz +/-4.5 MHz)
Watt
1W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
435.6 ~ 444.6 MHz
dB
20
23
-
Tx to ANT
Minimum
Typical
Maximum
Insertion loss (440.1 MHz +/-4.5 MHz)
dB
-
1.0
1.2
Amplitude Ripple (440.1 MHz +/-4.5 MHz)
dB
-
0.3
0.5
Return Loss (440.1 MHz +/-4.5 MHz)
dB
15
18
-
Input power (440.1 MHz +/-4.5 MHz)
Watt
1W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
340.6 ~ 349.64 MHz
dB
20
23
-


Similar Part No. - IDL03439

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
logo
Infineon Technologies A...
IDL02G65C5 INFINEON-IDL02G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDL02G65C5 INFINEON-IDL02G65C5 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL02G65C5 INFINEON-IDL02G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
More results

Similar Description - IDL03439

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
   Usable bandwidth 10 MHz each Rx. And Tx. band
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
   Usable bandwidth 10 MHz each Rx And Tx. band
IDD08072 ITF-IDD08072 Datasheet
132Kb / 3P
   Usable bandwidth 5 MHz each Rx And Tx. band
IDD08273 ITF-IDD08273 Datasheet
121Kb / 2P
   Usable bandwidth 5 MHz each Rx And Tx. band
IDD09074 ITF-IDD09074 Datasheet
135Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD21367 ITF-IDD21367 Datasheet
124Kb / 2P
   Usable bandwidth 30 MHz each Rx. And Tx. band
IDD19409 ITF-IDD19409 Datasheet
214Kb / 3P
   Usable bandwidth 30 MHz each Rx. And Tx. band
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com