Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD19409 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # IDD19409
Description  Usable bandwidth 30 MHz each Rx. And Tx. band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDD19409 Datasheet(HTML) 2 Page - Integrated Technology Future

  IDD19409 Datasheet HTML 1Page - Integrated Technology Future IDD19409 Datasheet HTML 2Page - Integrated Technology Future IDD19409 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ceramic DUPLEXER IDD19409
1945 MHz / 2135 MHz
Part No.
IDD19409
Rev. Date
2014-8-26
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
2/3
Specification
Fo = 1945MHz / 2135 MHz
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 3 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured absolute to insertion loss
ANT to Rx
Minimum
Typical
Maximum
Insertion loss (1945 MHz +/-15 MHz)
dB
-
2.0
2.2
Amplitude Ripple (1945 MHz +/-15 MHz)
dB
-
0.3
0.5
Return Loss (1945 MHz +/-15 MHz)
dB
17
20
-
Input power (1945 MHz +/-15 MHz)
Watt
5W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
2120 ~ 2150 MHz
dB
60
63
-
Tx to ANT
Minimum
Typical
Maximum
Insertion loss (2135 MHz +/-15 MHz)
dB
-
2.0
2.2
Amplitude Ripple (2135 MHz +/-15 MHz)
dB
-
0.3
0.5
Return Loss (2135 MHz +/-15 MHz)
dB
17
20
-
Input power (2135 MHz +/-15 MHz)
Watt
5W > 50000 Hours, CW tone (Ta=+50°C)
Relative Attenuation
1930 ~ 1960 MHz
dB
60
63
-
-
-


Similar Part No. - IDD19409

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDD19466 ITF-IDD19466 Datasheet
123Kb / 2P
   Usable bandwidth 30 MHz each Rx. And Tx. band
More results

Similar Description - IDD19409

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDD21367 ITF-IDD21367 Datasheet
124Kb / 2P
   Usable bandwidth 30 MHz each Rx. And Tx. band
IDD19466 ITF-IDD19466 Datasheet
123Kb / 2P
   Usable bandwidth 30 MHz each Rx. And Tx. band
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
   Usable bandwidth 10 MHz each Rx. And Tx. band
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
   Usable bandwidth 10 MHz each Rx And Tx. band
IDD08072 ITF-IDD08072 Datasheet
132Kb / 3P
   Usable bandwidth 5 MHz each Rx And Tx. band
IDD08273 ITF-IDD08273 Datasheet
121Kb / 2P
   Usable bandwidth 5 MHz each Rx And Tx. band
IDD08468 ITF-IDD08468 Datasheet
121Kb / 2P
   Usable bandwidth 10 MHz each Rx. And Tx. band
IDD09074 ITF-IDD09074 Datasheet
135Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDC10318 ITF-IDC10318 Datasheet
129Kb / 4P
   Usable bandwidth 15 MHz each Tx. And Rx. band
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com