Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM3482QTR13X Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM3482QTR13X
Description  2.4GHz to 2.5GHz, Automotive WiFi Front End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM3482QTR13X Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFFM3482QTR13X Datasheet HTML 5Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 6Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 7Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 8Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 9Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 10Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 11Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 12Page - RF Micro Devices RFFM3482QTR13X Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9 of 13
RFFM3482Q
DS121108
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PAEN
VBATT
PABC
TX SW
VBATT
BT SW
U1
RF3482
50
 strip
J1
TX
50
 strip
J2
BT
C1 1nF
PDET
L2 3.3nH
C2 1uF
(402)
RX SW
50
 strip
J5
ANT
50
 strip
J4
+RX
50
 strip
J3
-RX


Similar Part No. - RFFM3482QTR13X

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM3482QTR13X QORVO-RFFM3482QTR13X Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results

Similar Description - RFFM3482QTR13X

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com