Electronic Components Datasheet Search |
|
DKFC2071 Datasheet(PDF) 2 Page - RF Micro Devices |
|
DKFC2071 Datasheet(HTML) 2 Page - RF Micro Devices |
2 / 23 page 2 of 23 RFFC2071/2072 DS140110 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Absolute Maximum Ratings Parameter Rating Unit Supply Voltage (VDD) -0.5 to +3.6 V Input Voltage (VIN) any pin -0.3 to VDD + 0.3 V RF/IF mixer input power +15 dBm Operating Temperature Range -40 to +85 °C Thermal Resistance (RTH)32 °C/W Storage Temperature Range -65 to +150 °C Parameter Specification Unit Condition Min. Typ. Max. ESD Requirements Human Body Model 2000 V DC Pins 1500 V All Pins Charge Device Model 500 V All Pins Operating Conditions Supply voltage (VDD) 2.7 3.0 3.3 V Temperature (TOP) -40 +85 °C Logic Inputs/Outputs (VDD = Supply to DIG_VDD pin) Input low voltage -0.3 +0.5 V Input high voltage VDD / 1.5 VDD V Input low current -10 +10 AInput = 0V Input high current -10 +10 AInput = VDD Output low voltage 0 0.2*VDD V Output high voltage 0.8*VDD VDD V Load resistance 10 kΩ Load capacitance 20 pF GPO Drive Capability Sink Current 20 mA at VOL = 0.6V Source Current 20 mA at VOL = 2.4V Output Impedance 25 Static Supply Current (IDD) with 1GHz LO 100 mA Low current, MIX_IDD=1, one mixer enabled. 125 mA High linearity, MIX_IDD=6, one mixer enabled. Standby 2 mA Reference oscillator and bandgap only. Power Down Current 300 A ENBL=0 and REF_STBY=0 Mixer 1/2 (Mixer output driving 4:1 balun) Gain -2 dB Not including balun losses Noise Figure 10 dB Low current setting 13 dB High linearity setting IIP3 +10 dBm Low current setting +23 dBm High linearity setting Input port frequency range 30 2700 MHz Mixer input return loss 10 dB 100Ω differential Output port frequency range 30 2700 MHz Caution! ESD sensitive device. Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical perfor- mance or functional operation of the device under Absolute Maximum Rating condi- tions is not implied. The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a flame retardant, and <2% antimony in solder. |
Similar Part No. - DKFC2071 |
|
Similar Description - DKFC2071 |