Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFC2071TR7 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFC2071TR7
Description  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2071TR7 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFC2071TR7 Datasheet HTML 1Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 2Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 3Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 4Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 5Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 6Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 7Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 8Page - RF Micro Devices RFFC2071TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Theory of Operation
The RFFC2071 and RFFC2072 are wideband RF frequency converter chips which include a fractional-N synthesizer and a low
noise VCO core. The RFFC2071 has an LO signal multiplexer, two LO buffer circuits, and two RF mixers. The RFFC2072 has a
single LO buffer circuit and one RF mixer. Both devices have an integrated voltage reference and low drop out regulators sup-
plying critical circuit blocks such as the VCOs and synthesizer. Synthesizer programming, device configuration and control are
achieved through a mixture of hardware and software controls. All on-chip registers are programmed through a simple 3-wire
serial interface.
VCO
The VCO core in the RFFC2071 and RFFC2072 consists of three VCOs which, in conjunction with the integrated LO dividers of
/2 to /32, cover the LO range of 85MHz to 2700MHz. Each VCO has 128 overlapping bands which are used to achieve low VCO
gain and optimal phase noise performance across the whole tuning range. The chip automatically selects the correct VCO (VCO
auto-select) and VCO band (VCO coarse tuning) to generate the desired LO frequency based on the values programmed into
the PLL1 and PLL2 registers banks.
The VCO auto-select and VCO coarse tuning are triggered every time ENBL is taken high, or if the PLL re-lock self clearing bit is
programmed high. Once the correct VCO and band have been selected the PLL will lock onto the correct frequency. During the
band selection process, fixed capacitance elements are progressively connected to the VCO resonant circuit until the VCO is
oscillating approximately at the correct frequency. The output of this band selection, CT_CAL, is made available in the read-
back register. A value of 127 or 0 in this register indicates that the coarse tuning was unsuccessful, and this will also be indi-
cated by the CT_FAILED flag also available in the read-back register. A CT_CAL value between 1 and 126 indicates a success-
ful calibration, the actual value being dependent on the desired frequency as well as process variation for a particular device.
The band select process will center the VCO tuning voltage at about 1.0V, compensating for manufacturing tolerances and pro-
cess variation as well as environmental factors including temperature. In applications where the device is left enabled at the
same LO frequency for some time, it is recommended that automatic band selection be performed for every 30°C change in
temperature. This assumes an active loop filter.
The RFFC2071 and RFFC2072 feature a differential LO input to allow the mixer to be driven from an external LO source. The
fractional-N PLL can be used with an external VCO driven into this LO input, which may be useful to reduce phase noise in
some applications. This may also require an external op-amp, dependant on the tuning voltage required by the external VCO.
In the RFFC2071 the LO signal is routed to mixer 1, mixer 2, or both mixers depending on the state of the MODE pin (or MODE
bit if under software control) and the value of the FULLD bit. Setting FULLD high puts the device into Full Duplex mode and both
mixers are enabled.
Fractional-N PLL
The RFFC2071 and RFFC2072 contain a charge pump-based fractional-N phase locked loop (PLL) for controlling the three
VCOs. The PLL includes automatic calibration systems to counteract the effects of process and environmental variations,
ensuring repeatable loop response and phase noise performance. As well as the VCO auto-select and coarse tuning, there is a
loop filter calibration mechanism which can be enabled if required. This operates by adjusting the charge pump current to
maintain loop bandwidth. This can be useful for applications where the LO is tuned over a wide frequency range.
The PLL has been designed to use a reference frequency of between 10MHz and 104MHz from an external source, which is
typically a temperature controlled crystal oscillator (TCXO). A reference divider (divide by 1 to divide by 7) is supplied and
should be programmed to limit the frequency at the phase detector to a maximum of 52MHz.
Two PLL programming banks are provided, the first bank is preceded by the label PLL1 and the second bank is preceded by the
label PLL2. For the RFFC2071 these banks are used to program mixer 1 and mixer 2 respectively, and are selected automati-
cally as the mixer is selected using MODE. For the RFFC2072 mixer 2 and register bank PLL2 are normally used.
The VCO outputs are first divided down in a high frequency prescalar. The output of this high frequency prescalar then enters
the N divider, which is a fractional divider containing a dual-modulus prescaler and a digitally spur-compensated fractional


Similar Part No. - RFFC2071TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071ASB RFMD-RFFC2071ASB Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RFFC2071ASQ RFMD-RFFC2071ASQ Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
More results

Similar Description - RFFC2071TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
RF Micro Devices
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5061 QORVO-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
RF Micro Devices
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Qorvo, Inc
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
   WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com