Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ92NT Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CQ92NT
Description  TRIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQ92NT Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CQ92NT Datasheet HTML 1Page - Central Semiconductor Corp CQ92NT Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CQ92BT
CQ92DT
CQ92MT
CQ92NT
TRIAC
1.0 AMP, 200 THRU 800 VOLTS
TO-92 CASE
Central
Semiconductor Corp.
TM
R0 (03-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CQ92BT
Series are epoxy molded silicon Triacs designed
for full wave AC control applications featuring
gate triggering in all four (4) quadrants.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CQ92BT CQ92DT
CQ92MT CQ92NT
UNITS
Peak Repetitive Off-State Voltage
VDRM
200
400
600
800
V
RMS On-State Current (TC=50°C)
IT(RMS)
1.0
A
Peak One Cycle Surge (t=10ms)
ITSM
20
A
I2t Value for Fusing (t=10ms)
I2t
2.0
A2s
Peak Gate Power (tp=10µs)
PGM
3.0
W
Average Gate Power Dissipation
PG (AV)
0.2
W
Peak Gate Current (tp=10µs)
IGM
1.2
A
Peak Gate Voltage (tp=10µs)
VGM
8.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
180
°C/W
Thermal Resistance
ΘJC
90
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IDRM
Rated VDRM, RGK=1KΩ
5.0
µA
IDRM
Rated VDRM, RGK=1KΩ, TC=125°C
200
µA
IGT
VD=12V, QUAD I, II, III, IV
3.0
mA
IH
IT=100mA, RGK=1KΩ
3.0
mA
VGT
VD=12V, QUAD I, II, III, IV
2.0
V
VTM
ITM=1.2A, tp=380µs
1.26
V
dv/dt
VD=2/3 VDRM, TC=125°C
30
V/µs


Similar Part No. - CQ92NT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ92NT CENTRAL-CQ92NT Datasheet
73Kb / 2P
   Triac 12 Amp, 600 Volt Triac Chip
More results

Similar Description - CQ92NT

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com