Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF6.5A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMF6.5A
Description  UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMF6.5A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMF6.5A Datasheet HTML 1Page - Central Semiconductor Corp CMF6.5A Datasheet HTML 2Page - Central Semiconductor Corp CMF6.5A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMF5.0A
THRU
CMF170A
SURFACE MOUNT
UNI-DIRECTIONAL SILICON
TRANSIENT VOLTAGE SUPPRESSOR
200 WATTS, 5.0 THRU 170 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMF5.0 Series
of Transient Voltage Suppressors are designed to
protect sensitive electronic components from high
voltage, high-energy transients. High surge capability,
low impedance, low clamping voltage, fast response
time and small size make this an excellent choice for
industrial/consumer applications, such as cell phones,
power supplies and portable devices.
FEATURES:
Stand-off voltage 5 to 170 Volts
Very low leakage current
Low clamping voltage
200 Watt peak power dissipation
Small, high thermal efficiency, SOD-123F flat lead package
APPLICATIONS:
Digital cameras
Cell phones and accessories
Desktop and laptop computers
PDAs
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
Type
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Test
Current
Reverse
Leakage
Current
Maximum
Clamping
Voltage
Peak
Pulse
Current
Marking
Code
VRWM
VBR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
V
MIN
V
MAX
VmA
µA
V
A
CMF5.0A
5.0
6.4
7.0
10
400
9.2
21.7
CM05A
CMF6.0A
6.0
6.67
7.37
10
400
10.3
19.4
CM06A
CMF6.5A
6.5
7.22
7.98
10
250
11.2
17.9
CM065
CMF7.0A
7.0
7.78
8.6
10
100
12
16.7
CM07A
CMF7.5A
7.5
8.33
9.21
1.0
50
12.9
15.5
CM075
CMF8.0A
8.0
8.89
9.83
1.0
25
13.6
14.7
CM08A
CMF8.5A
8.5
9.44
10.4
1.0
10
14.4
13.9
CM085
CMF9.0A
9.0
10
11.1
1.0
5.0
15.4
13
CM09A
CMF10A
10
11.1
12.3
1.0
2.5
17
11.8
CM10A
CMF11A
11
12.2
13.5
1.0
2.5
18.2
11
CM11A
CMF12A
12
13.3
14.7
1.0
2.5
19.9
10.1
CM12A
CMF13A
13
14.4
15.9
1.0
1.0
21.5
9.3
CM13A
CMF14A
14
15.6
17.2
1.0
1.0
23.2
8.6
CM14A
CMF15A
15
16.7
18.5
1.0
1.0
24.4
8.2
CM15A
CMF16A
16
17.8
19.7
1.0
1.0
26
7.7
CM16A
CMF17A
17
18.9
20.9
1.0
1.0
27.6
7.2
CM17A
CMF18A
18
20
22.1
1.0
1.0
29.2
6.8
CM18A
ELECTRICAL CHARACTERISTICS: (TJ=25°C unless otherwise noted)
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Pulse Power (10/1000µs Waveform)
PPP
200
W
ESD Voltage (HBM)
VESD
25
kV
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
SOD-123F CASE
R3 (8-January 2010)
www.centr a lsemi.com


Similar Part No. - CMF6.5A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMF6.5A CENTRAL-CMF6.5A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
CMF6.5A CENTRAL-CMF6.5A Datasheet
606Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS
More results

Similar Description - CMF6.5A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5610 EIC-1N5610 Datasheet
110Kb / 2P
   UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
T00031C SSDI-T00031C Datasheet
80Kb / 2P
   UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
SMCJ200A-440A BWTECH-SMCJ200A-440A Datasheet
200Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Will Semiconductor Ltd.
ESD5641DXX WILLSEMI-ESD5641DXX Datasheet
369Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56161D05 WILLSEMI-ESD56161D05 Datasheet
313Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56181WXX WILLSEMI-ESD56181WXX Datasheet
535Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD9X5V WILLSEMI-ESD9X5V Datasheet
299Kb / 5P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56201DXX WILLSEMI-ESD56201DXX Datasheet
476Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD5621WXX WILLSEMI-ESD5621WXX Datasheet
606Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD9N5V WILLSEMI-ESD9N5V Datasheet
378Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com