Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C106C1 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # C106C1
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

C106C1 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  C106C1 Datasheet HTML 1Page - Central Semiconductor Corp C106C1 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C106A1
C106D1
C106B1
C106E1
C106C1
C106M1
SILICON CONTROLLED RECTIFIER
4 AMP, 100 THRU 600 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR C106A1 series
are PNPN silicon controlled rectifiers designed for
applications such as temperature, light, speed control,
process and remote control, and warning systems
where reliability of operation is important.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
C106
C106
C106
C106
C106
C106
SYMBOL
A1
B1
C1
D1
E1
M1
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
100
200
300
400
500
600
V
RMS On-State Current
IT(RMS)
4.0
A
Peak One Cycle Surge (60Hz)
ITSM
20
A
I2t Value for Fusing (t>1.5ms)
I2t
0.5
A2s
Peak Gate Power
PGM
0.5
W
Average Gate Power
PG(AV)
0.1
W
Peak Forward Gate Current
IGFM
0.2
A
Peak Reverse Gate Voltage
VGRM
6.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +110
°C
Thermal Resistance
ΘJC
3.0
°C/W
Thermal Resistance
ΘJA
75
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ
10
μA
IDRM, IRRM Rated VDRM, VRRM, RGK=1.0KΩ, TC=110°C
100
μA
VTM
IFM=4.0A
2.2
V
IGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ
200
μA
IGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ, TC=-40°C
500
μA
VGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ
0.4
0.8
V
VGT
VAK=6.0V, RL=100Ω, RGK=1.0KΩ, TC=-40°C
0.5
1.0
V
VGT
VAK=Rated VDRM, RL=3.0KΩ, RGK=1.0KΩ, TC=110°C 0.2
V
IHX
VD=12V, RGK=1.0KΩ
0.3
3.0
mA
IHX
VD=12V, RGK=1.0KΩ, TC=-40°C
0.4
6.0
mA
IHX
VD=12V, RGK=1.0KΩ, TC=110°C
0.14
2.0
mA
ILX
VD=12V, RGK=1.0KΩ
0.3
4.0
mA
ILX
VD=12V, RGK=1.0KΩ, TC=-40°C
0.4
8.0
mA
dv/dt
VD=Rated VDRM, RGK=1.0KΩ, TC=110°C
8.0
V/μs
tgt (turn-on time)
1.2
μs
tq (turn-off time)
40
μs
TO-202 CASE
R1 (23-January 2012)
www.centr a lsemi.com


Similar Part No. - C106C1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
C106C1 CENTRAL-C106C1 Datasheet
58Kb / 1P
   SCRs
logo
New Jersey Semi-Conduct...
C106C1 NJSEMI-C106C1 Datasheet
111Kb / 2P
   The Type C106 Silicon Controlled Rectifier
More results

Similar Description - C106C1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com