Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

C103A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. C103A
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

C103A Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R0
C103Y
C103YY
C103A
C103B
SILICON CONTROLLED RECTIFIER
0.8 AMP, 30 THRU 200 VOLTS
TO-92 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR C103 Series types are Epoxy Molded Silicon Controlled Rectifiers designed for
control systems and sensing circuit applications.
MAXIMUM RATINGS (TC=25°C unless otherwise noted)
SYMBOL
C103Y
C103YY
C103A
C103B
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
30
60
100
200
V
RMS On-State Current (TC=60°C)
IT(RMS)
0.8
A
Peak One Cycle Surge
ITSM
8.0
A
Peak Forward Gate Current
IGM
0.5
A
Peak Reverse Gate Voltage
VGM
8.0
V
Peak Gate Power Dissipation (tp=8.3ms)
PGM
1.0
W
Average Gate Power Dissipation
PG(AV)
0.01
W
Storage Temperature
Tstg
-65 to +150
°C
Junction Temperature
TJ
-65 to +125
°C
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
1.0
µA
IDRM, IRRM
Rated VDRM, VRRM, TC=125°C, RGK=1KΩ
50
µA
IGT
VD=6.0V, RL=100Ω, RGK=1KΩ
200
µA
IGT
VD=6.0V, RL=100Ω, RGK=1KΩ, TC=-65°C
500
µA
IH
RGK=1KΩ
5.0
mA
IH
RGK=1KΩ, TC=-65°C
10
mA
VGT
VD=6.0V, RL=100Ω
0.8
V
VGT
VD=6.0V, RL=100Ω, TC=-65°C
1.0
V
VGT
VD=6.0V, RL=1KΩ, TC=125°C
0.1
V
VTM
ITM=1.0A
1.5
V
dv/dt
VD=VDRM, TC=125°C, RGK=1KΩ
20
V/
µs


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn