Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA2026PCK-411 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA2026PCK-411
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA2026PCK-411 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA2026PCK-411 Datasheet HTML 4Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 5Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 6Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 7Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 8Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 9Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 10Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 11Page - RF Micro Devices RFDA2026PCK-411 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8 of 16
RFDA2026
DS141020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
2400MHz to 2700MHz Application Circuit Data
38
39
40
41
42
43
44
45
46
47
48
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
Output IP3 versus Frequency and Temperature
25°C
85°C
-40°C
22
23
24
25
26
27
28
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Frequency (GHz)
Output P1dB versus Frequency
and Temperature
25°C
85°C
-40°C
4.09
4.10
4.11
4.12
4.13
4.14
4.15
4.16
4.17
4.18
4.19
2.4
2.5
2.6
2.7
Frequency (GHz)
Noise Figure versus Frequency at 0dB
Attenuation State
NF
-35
-30
-25
-20
-15
-10
-5
0
2.4
2.5
2.6
2.7
Frequency (GHz)
Input Return Loss Over Temperature
+25
°C
+85
°C
-40
°C
-50.0
-49.5
-49.0
-48.5
-48.0
-47.5
-47.0
-46.5
-46.0
-45.5
2.4
2.5
2.6
2.7
Frequency (GHz)
Isolation Over Temperature
+25
°C
+85
°C
-40
°C
-35
-30
-25
-20
-15
-10
-5
0
2.4
2.5
2.6
2.7
Frequency (GHz)
Output Return Loss Over Temperature
+25
°C
+85
°C
-40
°C


Similar Part No. - RFDA2026PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025PCK-410 RFMD-RFDA2025PCK-410 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025SQ RFMD-RFDA2025SQ Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025SR RFMD-RFDA2025SR Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025TR13 RFMD-RFDA2025TR13 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA2026PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
   Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0066 RFMD-RFDA0066 Datasheet
1Mb / 18P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
RFDA0047 RFMD-RFDA0047 Datasheet
3Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHZ TO 2700MHZ
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFDA4005 RFMD-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
   6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com