Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA0066PCK-410 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFDA0066PCK-410
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 5MHz TO 1GHz, 12-BIT 0.5dB LSB CONTROL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0066PCK-410 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFDA0066PCK-410 Datasheet HTML 7Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 8Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 9Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 10Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 11Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 12Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 13Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 14Page - RF Micro Devices RFDA0066PCK-410 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11 of 18
RFDA0066
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Function
Description
1AMP1_IN
AMP1 Input
2DSA1_OUT
DSA1 Output
3ACG1
AC Ground Connection
4ACG2
AC Ground Connection
5ACG3
AC Ground Connection
6ACG4
AC Ground Connection
7DSA1_IN
DSA1 Input
8GND
RF/DC Ground Connection
9PUP
Power Up Programming pin
10
DATA
Serial Data Input
11
LE
Serial Latch Enable
12
CLK
Serial Clock Input
13
VDD
Supply Voltage for DSA and SPI Control
14
GND
RF/DC Ground Connection
15
AMP2_OUT
AMP2 OUT and Bias pin
16
GND
RF/DC Ground Connection
17
GND
RF/DC Ground Connection
18
AMP2_IN
AMP2 Input
19
DSA2_OUT
DSA2 Output
20
GND
RF/DC Ground Connection
21
ACG5
AC Ground Connection
22
ACG6
AC Ground Connection
23
ACG7
AC Ground Connection
24
ACG8
AC Ground Connection
25
DSA2_IN
DSA2 Input
26
AMP1_OUT
AMP1 Output and Bias pin
27
GND
RF/DC Ground Connection
28
GND
RF/DC Ground Connection


Similar Part No. - RFDA0066PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015PCK-410 RFMD-RFDA0015PCK-410 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SQ RFMD-RFDA0015SQ Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015SR RFMD-RFDA0015SR Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0015TR13 RFMD-RFDA0015TR13 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results

Similar Description - RFDA0066PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0026 RFMD-RFDA0026 Datasheet
936Kb / 13P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 700MHz TO 1035MHz, 6-BIT 0.5dB LSB CONTROL
RFDA0056 RFMD-RFDA0056 Datasheet
661Kb / 10P
   Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
RFDA2125 RFMD-RFDA2125 Datasheet
3Mb / 26P
   Digital Controlled Variable Gain Amplifier 400MHz to 2700MHz, 6-Bit 0.5dB LSB Control
RFDA2026 RFMD-RFDA2026 Datasheet
1Mb / 16P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1400MHz to 2700MHz, 6-BIT 0.5dB LSB CONTROL
RFDA3016 RFMD-RFDA3016 Datasheet
718Kb / 11P
   Digital Controlled Variable Gain Amplifier 3000MHz to 3800MHz, 6-Bit 0.5dB LSB Control
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com