Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCM4363TR7 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFCM4363TR7
Description  45-1218MHZ GAAS/GAN PUSH PULL MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM4363TR7 Datasheet(HTML) 6 Page - RF Micro Devices

  RFCM4363TR7 Datasheet HTML 1Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 2Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 3Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 4Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 5Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 6Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 7Page - RF Micro Devices RFCM4363TR7 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CM4363-E020
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 8
RFCM4363
Evaluation Board Schematic
C8
4.7nF
R5
C6
1.8pF
C3
1.8pF
R4
10
Ω
C2
4.7nF
C10
DNI
D2
MM3Z5V6T1
R1
10k
Ω
D1
TGL34-33A
C1
4n7
C7
4.7nF
U1
RFCM4363
1
2
3
4
9
8
7
6
5
FB1
Bead 60
Ω
T3
RFXF0007
T2
RFXF0008
V+
GND
RF IN
RF OUT
C9
DNI
C12
DNI
C11
0.5pF
C14
DNI
C13
DNI
D3
TQP200002
25V
R7
0
Ω
R8
0
Ω
R9
0
Ω
R10
0
Ω
R11
0
Ω
R12
0
Ω
T1
RFXF0006
Evaluation Board Bill of Materials (BOM)
Component Type
Value
Qty
Designator
Comment
Capacitor
4.7nF
4
C1, C2, C7, C8
Capacitor
DNI
5
C9, C10, C12, C13, C14
optional to improve matching in application
Capacitor
0.5pF
1
C11
Capacitor
1.8pF
2
C3, C6
Resistor
10k
Ω
1
R1
Resistor
10
Ω
1
R4
Resistor
DNI
6
R7, R8, R9, R10, R11, R12
optional to improve matching in application
Resistor
see page 4
1
R5
optional to set current value
Impedance Bead
60
Ω @ 100MHz
1
FB1
Transient Voltage
Suppressor Diode
TGL34-33A
1
D1
Zener Diode
MM3Z5V6T1G
1
D2
ESD Protection Diode
TQP200002
1
D3
25V version
Transformer
RFXF0006
1
T1
Transformer
RFXF0008
1
T2
Transformer
RFXF0007
1
T3
DUT
RFCM4363
1
U1


Similar Part No. - RFCM4363TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFCM4363TR7 QORVO-RFCM4363TR7 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
More results

Similar Description - RFCM4363TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
   45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
   GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFCM3080 RFMD-RFCM3080 Datasheet
709Kb / 6P
   40-1003MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1218MHz
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
   75 11dB CATV Push Pull Amplifier 45 ??1218MHz
logo
RF Micro Devices
RFCM3316 RFMD-RFCM3316 Datasheet
271Kb / 8P
   45-1218MHZ GAAS/G POWER DOUBLER MODULE
logo
Qorvo, Inc
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
   CATV Push Pull Hybrid 1218MHz 34dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com