Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFDA0015SQ Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFDA0015SQ
Description  DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA0015SQ Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFDA0015SQ Datasheet HTML 2Page - RF Micro Devices RFDA0015SQ Datasheet HTML 3Page - RF Micro Devices RFDA0015SQ Datasheet HTML 4Page - RF Micro Devices RFDA0015SQ Datasheet HTML 5Page - RF Micro Devices RFDA0015SQ Datasheet HTML 6Page - RF Micro Devices RFDA0015SQ Datasheet HTML 7Page - RF Micro Devices RFDA0015SQ Datasheet HTML 8Page - RF Micro Devices RFDA0015SQ Datasheet HTML 9Page - RF Micro Devices RFDA0015SQ Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RFDA0015
DS120817
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Schematic
50 MHz to 850 MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
50MHz to 850MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
RDA1005L w/ USB Evaluation Board
PCB Itself
Dynamic Details (DDI) Torronto
RDA1005L410(C)
IF Digital Var Gain Amp (50MHz to 850MHz)
U1
RFMD
RFDA0015
CAP, 270pF, 5%, 50V, C0G, 0402
C1, C3, C6, C8
Murata Electronics
GRM1555C1H271JA01E
CAP, 1000pF, 10%, 50V, X7R, 0402
C2, C7, C9-C10, C12
Murata Electronics
GRM155R71H102KA01E
CAP, 0.1µF, 10%, 16V, X7R, 0603
C5, C13
Murata Electronics
GRM188R71C104KA01D
CAP, 1µF, 10%, 16V, X7R, 0805
C4, C14
Murata Electronics
GRM21BR71C105KA01K
IND, 1200nH, 5%, W/W, 1008
L1
Coilcraft
1008CS-122XJLC
RES ARRAY, 4-ELEM, 1K, 5%, SMD 4 x 0402
RP3-RP4
KOA
CN1E4KTTD102J
CONN, HDR, ST, PLRZD, 14-Pin, 0.100"
P1
ITW Pancon
MPSS100-14-C
CONN, HDR, ST, PLRZD, 2-Pin, 0.100"
P2
ITW Pancon
MPSS100-2-C
CONN, SKT, 24-PIN DIP, 0.600", T/H
P3
Aries Electronics Inc.
24-6518-10
CONN, SMA, END LNCH, FLT, 0.062"
J1-J4
Emerson Network Power
142-0701-821
MOD, USB TO SERIAL UART, SSOP-28
M1
Future Technology Devices Int'l
UM232R
DNP
C11, R1-R2, RP2
N/A
N/A
Note: M1 is to be mounted into P3 with respect to the Pin 1 alignment of M1 and P3.
RP3
1K
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P1
HDR_1 X14
RP4
1K
GND
GND1
GND1
GND
GND
GND
GND
GND
J3
SM A
J4
SM A
J1
AT TI N
J2
AM P OUT
GND
1
2
P2
HDR_1 X2
C1
270pF
C3
270pF
C2
1000pF
C8
270pF
C6
270pF
C4 1uF
C5 0.1uF
C7 1000pF
C9
1000pF
C10
1000pF
C12
1000pF
C13
0.1uF
C14
1uF
L1
1200nH
50 ohm Micro Strip 39mil
VCC
VCC
GND
D5
D4
D3
D2
D1
D0
D5
D4
D3
D2
D1
D0
CB 2
12
TXD
1
DT R#
2
RT S#
3
VI O
4
RXD
5
RI #
6
GND
7
DSR#
8
DCD#
9
CT S#
10
CB 4
11
GND
24
SL D
13
US B
14
VCC
15
PU2
16
PU1
17
CB 3
18
3V3
19
RS T
20
VCC
21
CB 1
22
CB 0
23
CB 2
TXD
DT R#
RT S#
VI O
RXD
RI #
GND
DSR#
DCD#
CT S#
CB 4
GND
SL D
US B
VCC
PU2
PU1
CB 3
3V3
RS T
VCC
CB 1
CB 0
P3
UM 232R
GND
D5
D4
D3
D2
D1
D0
ACG5
9
ACG6
10
GND
11
ATTIN
12
GND
13
NC
14
NC
15
NC
16
NC
25
NC
26
NC
27
GND
28
AMPOUT/VCC
29
GND
30
GND
31
GND
32
U1
RFDA0015
GND
GND
GND
GND
GND
VDD
VDD
GND


Similar Part No. - RFDA0015SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0016 RFMD-RFDA0016 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0016PCK-410 RFMD-RFDA0016PCK-410 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0016SQ RFMD-RFDA0016SQ Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0016SR RFMD-RFDA0016SR Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
RFDA0016TR13 RFMD-RFDA0016TR13 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMP 50 TO 1000MHZ, 6 BIT 0.5DB LSB CONTROL
More results

Similar Description - RFDA0015SQ

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33 MINI-DVGA2-33 Datasheet
602Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242A MINI-DVGA1-242A Datasheet
631Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com