Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFCM4363 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFCM4363
Description  45-1218MHZ GAAS/GAN PUSH PULL MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCM4363 Datasheet(HTML) 3 Page - RF Micro Devices

  RFCM4363 Datasheet HTML 1Page - RF Micro Devices RFCM4363 Datasheet HTML 2Page - RF Micro Devices RFCM4363 Datasheet HTML 3Page - RF Micro Devices RFCM4363 Datasheet HTML 4Page - RF Micro Devices RFCM4363 Datasheet HTML 5Page - RF Micro Devices RFCM4363 Datasheet HTML 6Page - RF Micro Devices RFCM4363 Datasheet HTML 7Page - RF Micro Devices RFCM4363 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CM4363-E020
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 8
RFCM4363
Parameter
Specification
Unit
Condition
Min
Typ
Max
Distortion data 40MHz to 550MHz
V+= 24V; TMB=30°C; ZS=ZL=75Ω; IDC=IDC typical
CTB
-72
-66
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital channels
(-6dB offset)
[2][4]
XMOD
-63
-60
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital channels
(-6dB offset)
[2][4]
CSO
-78
-70
dBc
VO=46dBmV flat, 79 analog channels plus 75 digital channels
(-6dB offset)
[2][4]
CIN
67
70
dB
VO=46dBmV flat, 79 analog channels plus 75 digital channels
(-6dB offset)
[2][4]
Distortion data 40MHz to 550MHz
V+= 24V; TMB=30°C; ZS=ZL=75Ω; IDC=IDC typical
CTB
-72
dBc
VO=45dBmV flat, 79 analog channels plus 111 digital channels
(-6dB offset)
[3][4]
XMOD
-65
dBc
VO=45dBmV flat, 79 analog channels plus 111 digital channels
(-6dB offset)
[3][4]
CSO
-76
dBc
VO=45dBmV flat, 79 analog channels plus 111 digital channels
(-6dB offset)
[3][4]
CIN
70
dB
VO=45dBmV flat, 79 analog channels plus 111 digital channels
(-6dB offset)
[3][4]
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +46dBmV flat output level, plus 75 digital channels, -6dB
offset relative to the equivalent analog carrier.
3.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +45dBmV flat output level, plus 111 digital channels, -
6dB offset relative to the equivalent analog carrier.
4.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA. Composite
Triple Beat (CTB) - The CTB parameter is defined by the NCTA. Cross Modulation (XMOD) - Cross modulation (XMOD) is
measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested. Carrier to
Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).


Similar Part No. - RFCM4363

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
RFCM4363PCBA-410 QORVO-RFCM4363PCBA-410 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
RFCM4363PCK-410 QORVO-RFCM4363PCK-410 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
RFCM4363SB QORVO-RFCM4363SB Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
RFCM4363SQ QORVO-RFCM4363SQ Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
More results

Similar Description - RFCM4363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
   45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
logo
Qorvo, Inc
RFCM4363 QORVO-RFCM4363 Datasheet
436Kb / 9P
   45-1218 MHz GaAs/GaN Push Pull Module
logo
RF Micro Devices
RFPP3870 RFMD-RFPP3870 Datasheet
244Kb / 3P
   GaAs/GaN Push Pull Hybrid GaAs/GaN Push Pull Hybridz
RFCM3080 RFMD-RFCM3080 Datasheet
709Kb / 6P
   40-1003MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1218MHz
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
   75 11dB CATV Push Pull Amplifier 45 ??1218MHz
logo
RF Micro Devices
RFCM3316 RFMD-RFCM3316 Datasheet
271Kb / 8P
   45-1218MHZ GAAS/G POWER DOUBLER MODULE
logo
Qorvo, Inc
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
   CATV Push Pull Hybrid 1218MHz 34dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com