Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFAM3790SR Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFAM3790SR
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAM3790SR Datasheet(HTML) 1 Page - RF Micro Devices

  RFAM3790SR Datasheet HTML 1Page - RF Micro Devices RFAM3790SR Datasheet HTML 2Page - RF Micro Devices RFAM3790SR Datasheet HTML 3Page - RF Micro Devices RFAM3790SR Datasheet HTML 4Page - RF Micro Devices RFAM3790SR Datasheet HTML 5Page - RF Micro Devices RFAM3790SR Datasheet HTML 6Page - RF Micro Devices RFAM3790SR Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140820
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
RFAM3790
45-1218MHZ GAAS
EDGE QAM INTEGRATED AMPLIFIER
The RFAM3790 is an Integrated Edge QAM Amplifier Module.
The part employs GaAs pHEMT die, GaAs MESFET die, a 20dB
range variable attenuator and a power enable feature, has high
output capability, and is operated from 45MHz to 1218MHz. It
provides excellent linearity and superior return loss performance
with low noise and optimal reliability.
Power Enable
INPUT
OUTPUT
Preamp
Driver
V+
Att. adjust
Functional Block Diagram
Ordering Information
RFAM3790SB
Sample bag with 5 pieces
RFAM3790SQ
Sample bag with 25 pieces
RFAM3790SR
7” Reel with 100 pieces
RFAM3790TR7
7” Reel with 250 pieces
RFAM3790TR13
13” Reel with 750 pieces
RFAM3790PCBA-410
Fully Assembled Evaluation Board
RFAM3790PCK-410
Fully Assembled Evaluation Board with
Sample Bag
Package: 9 pin,
11.0 mm x 11.0 mm x 1.375mm
Features
Excellent Linearity
Extremely High Output Capability
Voltage Controlled Attenuator
Power Enable Featrure
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under all
Terminations
27.5 dB Typical Gain at 1218MHz
410mA Typical at 12VDC
Applications
45MHz to 1218MHz Downstream
Edge QAM RF Modulators
Headend Equipment


Similar Part No. - RFAM3790SR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620 QORVO-RFAM3620 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620PCBA-410 TRIQUINT-RFAM3620PCBA-410 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
RFAM3620PCBA-410 QORVO-RFAM3620PCBA-410 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
logo
TriQuint Semiconductor
RFAM3620SB TRIQUINT-RFAM3620SB Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
More results

Similar Description - RFAM3790SR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
logo
RF Micro Devices
RFCM3326 RFMD-RFCM3326 Datasheet
270Kb / 8P
   45-1218MHZ GAAS/GAN POWER DOUBLER MODULE
RFCM3316 RFMD-RFCM3316 Datasheet
271Kb / 8P
   45-1218MHZ GAAS/G POWER DOUBLER MODULE
RFCM4363 RFMD-RFCM4363 Datasheet
509Kb / 8P
   45-1218MHZ GAAS/GAN PUSH PULL MODULE
logo
Qorvo, Inc
QPA8801 QORVO-QPA8801 Datasheet
637Kb / 10P
   75 11dB CATV Push Pull Amplifier 45 ??1218MHz
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
TriQuint Semiconductor
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
Qorvo, Inc
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
   GaAs Push Pull Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com