Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES-4-7 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. ES-4-7
Description  E-Series 4-Way 0 Power Divider 5 - 750 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

ES-4-7 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-Series 4-Way 0° Power Divider
5 - 750 MHz
ES-4-7
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
4 Way
Surface Mount
Specifications @ 25°C
Frequency Range
5 - 750 MHz
Insertion Loss
Typical
Maximum
5 - 50 MHz
0.5 dB
0.8 dB
50 - 375 MHz
0.7 dB
1.1 dB
375 - 750 MHz
0.8 dB
1.5 dB
Isolation
Typical
Minimum
5 - 50 MHz
35 dB
20 dB
50 - 375 MHz
35 dB
20 dB
375 - 750 MHz
23 dB
15 dB
Amplitude Unbalance
Maximum
5 - 50 MHz
0.1 dB
50 - 375 MHz
0.2 dB
375 - 750 MHz
0.5 dB
Phase Unbalance
Maximum
5 - 50 MHz
50 - 375 MHz
375 - 750 MHz
10°
Input and Output Return Loss
Minimum
15 dB
Operating Characteristics
Impedance
50 Ohms Nominal
Ordering Information
Part No.
Packaging
ES-3-1X1
Tube
ES-3-1X1TR
Forward Tape and Reel
Absolute Maximum Ratings
SM-46
Pin Configuration
Function
Pin No.
Ground
1,5,7
Input
3
Port 1
2
Port 2
4
Port 3
6
Port 4
8
q
q
q
S 1110 A
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .x = ±0.04 (1.00)
.xx = ±0.02 (0.50)
.xxx = ±0.010 (0.250)
Parameter
Absolute Maximum
Maximum Power Rating
1 Watt
Internal Load Dissipation
0.125 Watt
Pin Temp (10 sec)
260°C
Storage Temperature
-55°C to 100°C
Operating Temperature
0°C to 70°C


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn