Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6559SB Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6559SB
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6559SB Datasheet(HTML) 5 Page - RF Micro Devices

  RF6559SB Datasheet HTML 1Page - RF Micro Devices RF6559SB Datasheet HTML 2Page - RF Micro Devices RF6559SB Datasheet HTML 3Page - RF Micro Devices RF6559SB Datasheet HTML 4Page - RF Micro Devices RF6559SB Datasheet HTML 5Page - RF Micro Devices RF6559SB Datasheet HTML 6Page - RF Micro Devices RF6559SB Datasheet HTML 7Page - RF Micro Devices RF6559SB Datasheet HTML 8Page - RF Micro Devices RF6559SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF6559
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Corner Ground
2TXC
Tx Switch Control Input
3RXC
Rx Switch Control Input
4VCCD
Digital Reference Voltage Input
5GND
Ground
6RFI/O
Module RF Tx Input / Rx Output, DC Blocked
7GND
Ground
8GND
Corner Ground
9
RXVCC4
LNA 2nd Stage Battery Bias
10
RX2IN
LNA 2nd Stage RF Input
11
GND
Ground
12
RX1OUT
LNA 1st Stage RF Output
13
RXVCC3
LNA 1st Stage Battery Bias
14
GND
Ground
15
GND
Corner Ground
16
ANT
Antenna RF Output/Input, DC Blocked
17
GND
Ground
18
GND
Ground
19
RXEN
Enable Voltage Input for Receive Channel
20
TXEN
Enable Voltage Input for Transmit Channel
21
PDET
PA Power Detected Voltage Output
22
GND
Corner Ground
23
GND
Ground
24
PAVCC2
Battery Bias Input for Final PA Stage
25
GND
Ground
26
NC
No Connect
27
DAVCC1
Battery Bias Input for Driver Stage
28
GND
Ground
29
GND
Center Ground Flag


Similar Part No. - RF6559SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6559SB QORVO-RF6559SB Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results

Similar Description - RF6559SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com