Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6545TR13 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6545TR13
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6545TR13 Datasheet(HTML) 9 Page - RF Micro Devices

  RF6545TR13 Datasheet HTML 1Page - RF Micro Devices RF6545TR13 Datasheet HTML 2Page - RF Micro Devices RF6545TR13 Datasheet HTML 3Page - RF Micro Devices RF6545TR13 Datasheet HTML 4Page - RF Micro Devices RF6545TR13 Datasheet HTML 5Page - RF Micro Devices RF6545TR13 Datasheet HTML 6Page - RF Micro Devices RF6545TR13 Datasheet HTML 7Page - RF Micro Devices RF6545TR13 Datasheet HTML 8Page - RF Micro Devices RF6545TR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF6545
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF6545 2.4 GHz Front End Module
Operating Current versus Output Power
TX S21 versus Frequency
0
0.05
0.1
0.15
0.2
0.25
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Operating Current vs Output Power
Vcc = 3.3V; TX_EN = 3.0V
2400 MHz
2441.5 MHz
2483 MHz
0
0.05
0.1
0.15
0.2
0.25
0
2
4
6
8
10
12
14
16
18
20
22
Output Power (dBm)
Operating Current vs Output Power
(Over Temperature @ 2441.5 MHz)
Vcc = 3.3V; TX_EN = 3.0V
-40 C
25 C
85 C
0
10
20
30
40
50
60
2300
2441.5
2483
2500
Frequency (MHz)
TX S21 vs Frequency
(Over Temperature )
Vcc = 3.3V; TX_EN =3.0V
-40 C
25 C
85 C


Similar Part No. - RF6545TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6549 RFMD-RF6549 Datasheet
929Kb / 10P
   2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
Qorvo, Inc
RF6549 QORVO-RF6549 Datasheet
929Kb / 10P
   2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
RF Micro Devices
RF6549PCK-410 RFMD-RF6549PCK-410 Datasheet
929Kb / 10P
   2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
Qorvo, Inc
RF6549PCK-410 QORVO-RF6549PCK-410 Datasheet
929Kb / 10P
   2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
logo
RF Micro Devices
RF6549SB RFMD-RF6549SB Datasheet
929Kb / 10P
   2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
More results

Similar Description - RF6545TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
logo
RF Micro Devices
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
   2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
   3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
logo
Qorvo, Inc
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
   3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com