Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3553-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3553-2
Description  Micropower USB Power Manager with Li-Ion Charger, Always-On LDO and Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3553-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3553-2_15 Datasheet HTML 2Page - Linear Technology LTC3553-2_15 Datasheet HTML 3Page - Linear Technology LTC3553-2_15 Datasheet HTML 4Page - Linear Technology LTC3553-2_15 Datasheet HTML 5Page - Linear Technology LTC3553-2_15 Datasheet HTML 6Page - Linear Technology LTC3553-2_15 Datasheet HTML 7Page - Linear Technology LTC3553-2_15 Datasheet HTML 8Page - Linear Technology LTC3553-2_15 Datasheet HTML 9Page - Linear Technology LTC3553-2_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3553-2
6
35532f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3553-2E is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3553-2E is guaranteed to meet specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according
to the formula: TJ = TA + (PD • θJA), where θJA (in °C/W) is the package
thermal impedance.
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 110°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 4: VCC is the greater of VBUS or BAT.
Note 5: Total battery drain current represents the load a battery will see
in application due to quiescent currents drawn by the BAT pin (IBATQ)
plus any current drawn from the VOUT pin. In applications where the
buck input (BVIN pin) and LDO input (VINLDO pin) are connected to the
PowerPath output (VOUT pin), the quiescent currents on BVIN and VINLDO
must be added to IBATQ to get the actual battery drain current that will be
seen in application.
Note 6: hC/10 is expressed as a fraction of programmed full charge
current with specified PROG resistor.
Note 7: The current limit features of this part are intended to protect
the IC from short term or intermittent fault conditions. Continuous
operation above the absolute maximum specified pin current rating may
result in device degradation or failure.
Note 8: BUCK_FB High, Not Switching
Note 9: VOUT not in UVLO.
Note 10: Measured with the LDO operating in unity-gain, with its output
and feedback pins tied together.
Note 11: See the Operation section of this data sheet for detailed
explanation of the pushbutton state machine and the effects of each
state on regulator and power manager operation.
Note 12: If VBUS < VUVLO then VFWD = 0 and the forward voltage across
the ideal diode is equal to its current times RDROPOUT.
Note 13: Dropout voltage is the minimum input to output voltage
differential needed for the LDO to maintain regulation at a specified
output current. When the LDO is in dropout, its output voltage will be
equal to: VINLDO – VDROP.
Note 14: PGOOD threshold is expressed as a percentage difference from
the buck or LDO regulation voltage. The threshold is measured with the
feedback pin voltage rising.
PUSHBUTTON INTERFACE ELECTRICAL CHARACTERISTICS
The
l denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C (Note 2).
VBAT = 3.8V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pushbutton Timing Parameters (Note 11)
tON_PBSTATL
Minimum ON Low Time to Cause
PBSTAT Low
ON Brought Low During Power-On (PON) or
Power-Up (PUP1, PUP2) States
50
ms
tON_PBSTATH
Delay from ON High to PBSTAT High
Power-On (PON) State, After PBSTAT Has Been
Low for at Least tPBSTAT_PW
900
μs
tON_PUP
Minimum ON Low Time to Enter
Power-Up (PUP1 or PUP2) State
Starting in the Hard Reset (HR) or Power-Off
(POFF) States
400
ms
tON_HR
Minimum ON Low Time to Hard Reset
ON Brought Low During the Power-On (PON) or
Power-Up (PUP1, PUP2) States
11
14
17
s
tPBSTAT_PW
PBSTAT Minimum Pulse Width
Power-On (PON) or Power-Up (PUP1, PUP2)
States
40
50
ms
tEXTPWR
Power-Up from USB Present to
Power-Up (PUP1 or PUP2) State
Starting in the Hard Reset (HR) or Power-Off
(POFF) States
100
ms
tPON_UP
BUCK_ON High to Power-On State
Starting with BUCK_ON Low in the Power-Off
(POFF) State
900
μs
tPON_DIS_BUCK BUCK_ON Low to Buck Disabled
1
μs
tPUP
Power-Up (PUP1 or PUP2) State Duration
5
s
tPDN
Power-Down (PDN1 or PDN2) State
Duration
1s
tPGOODH
Regulators in Regulation to PGOOD High All Enabled Regulators within PGOOD Threshold
Voltage
11.8
ms
tPGOODL
Regulator Out of Regulation to PGOOD
Low
Any Enabled Regulator Below PGOOD Threshold
Voltage
3μs


Similar Part No. - LTC3553-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3553-2 LINER-LTC3553-2 Datasheet
428Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger, Always-On LDO and Buck Regulator
More results

Similar Description - LTC3553-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3553-2 LINER-LTC3553-2 Datasheet
428Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger, Always-On LDO and Buck Regulator
LTC3553 LINER-LTC3553_15 Datasheet
956Kb / 36P
   Micropower USB Power Manager With Li-Ion Charger, LDO and Buck Regulator
LTC3554-1 LINER-LTC3554-1_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-2 LINER-LTC3554-2_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554-3 LINER-LTC3554-3_15 Datasheet
525Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC3554 LINER-LTC3554 Datasheet
435Kb / 36P
   Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com