Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6535SQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6535SQ
Description  3.0V to 4.2V, 2.4GHz Front End Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6535SQ Datasheet(HTML) 4 Page - RF Micro Devices

  RF6535SQ Datasheet HTML 1Page - RF Micro Devices RF6535SQ Datasheet HTML 2Page - RF Micro Devices RF6535SQ Datasheet HTML 3Page - RF Micro Devices RF6535SQ Datasheet HTML 4Page - RF Micro Devices RF6535SQ Datasheet HTML 5Page - RF Micro Devices RF6535SQ Datasheet HTML 6Page - RF Micro Devices RF6535SQ Datasheet HTML 7Page - RF Micro Devices RF6535SQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF6535
DS121107
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1SDN
Enable/Shutdown pin for entire module. See logic table for operation.
2VCC
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling.
3ANT_SEL
Control pin for Antenna select. See logic table for operation.
4CTL
Enable voltage pin for both PA/Transmit Switch and LNA/Receive Switch. See logic table for operation.
5NC
No connect pin. Must be left floating.
6ANT2
This is the common port (antenna). It is matched to 50
 and DC-block is provided internally.
7GND
Ground.
8ANT1
This is the common port (antenna). It is matched to 50
 and DC-block is provided internally
9GND
Ground.
10
VCC
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling
11
NC
No connect pin. Must be left floating.
12
VCC
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling
13
VCC_BIAS
Voltage Supply. An external 1
F capacitor might be needed for low frequency decoupling
14
GND
Ground.
15
TXCT
Center tap for pass-thru DC voltage to TXN and TXP pins that connect to the TXVR SOIC.
16
TXN
100
 single ended, 200 differential.
17
TXP
100
 single ended, 200 differential.
18
RXCT
Center tap for pass-thru DC voltage to RXBN and RXBP pins that connect to the TXVR SOIC.
19
RXBN
100
 single ended, 200 differential.
20
RXBP
100
 single ended, 200 differential.


Similar Part No. - RF6535SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6539 RFMD-RF6539 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6539PCBK-410 RFMD-RF6539PCBK-410 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6539SR RFMD-RF6539SR Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6539TR7 RFMD-RF6539TR7 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
More results

Similar Description - RF6535SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
   3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com