Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6525TR13 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6525TR13
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525TR13 Datasheet(HTML) 5 Page - RF Micro Devices

  RF6525TR13 Datasheet HTML 1Page - RF Micro Devices RF6525TR13 Datasheet HTML 2Page - RF Micro Devices RF6525TR13 Datasheet HTML 3Page - RF Micro Devices RF6525TR13 Datasheet HTML 4Page - RF Micro Devices RF6525TR13 Datasheet HTML 5Page - RF Micro Devices RF6525TR13 Datasheet HTML 6Page - RF Micro Devices RF6525TR13 Datasheet HTML 7Page - RF Micro Devices RF6525TR13 Datasheet HTML 8Page - RF Micro Devices RF6525TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1LNA_MODE
Bypass enable pin. See logic table for operation.
2VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling.
3ANT_SEL
Control pin for Antenna select. See logic table for operation.
4TX_EN
Enable voltage pin for the PA and Transmit switch. See logic table for operation.
5RX_EN
Enable voltage pin for the LNA and Receive switch. See logic table for operation
6ANT2
This is the common port (antenna). It is matched to 50Ω and DC-block is provided internally.
7GND
Ground.
8ANT1
This is the common port (antenna). It is matched to 50Ω and DC-block is provided internally
9GND
Ground.
10
VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling
11
NC
No connect pin. Must be left floating.
12
VCC
Voltage Supply. An external 1uF capacitor might be needed for low frequency decoupling
13
VCC_BIAS
Voltage Supply. An external 1 uF capacitor might be needed for low frequency decoupling
14
GND
Ground.
15
TXCT
Center tap for passing thru DC voltage to TXN and TXP pins that connect to the TXVR SoIC.
16
TXN
100
 single-ended, 200Ω differential.
17
TXP
100
 single-ended, 200Ω differential.
18
RXCT
Center tap for passing thru DC voltage to RXBN and RXBP pins that connect to the TXVR SoIC.
19
RXBN
100
 single-ended, 200Ω differential.
20
RXBP
100
 single-ended, 200Ω differential.


Similar Part No. - RF6525TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
   Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF6525TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
   3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
   3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com