Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF6519PCK-410 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6519PCK-410
Description  3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6519PCK-410 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6519PCK-410 Datasheet HTML 1Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 2Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 3Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 4Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 5Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 6Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 7Page - RF Micro Devices RF6519PCK-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF6519
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Operating Mode
Module Logic Truth Table
ANT_SEL
TXRX_SEL
LNA_SEL
PD_SE:
Tx - ANT1
High
Low
Low
High
Tx - ANT2
Low
Low
Low
High
Rx - ANT1 - Hi Gain
High
High
High
High
Rx - ANT2 - Hi Gain
Low
High
High
High
Rx - ANT1 - Low Gain
High
High
Low
High
Rx = ANT2 - Low Gain
Low
High
Low
High
Power Down
LowLow
LowLow
NOTE:
*Switch Control Logic High = Min 2.8V to Max 3.4V
*Switch Control Logic Low = Min 0.0V to Max 0.3V


Similar Part No. - RF6519PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514PCK-410 RFMD-RF6514PCK-410 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514SR RFMD-RF6514SR Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6514TR7 RFMD-RF6514TR7 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
   3.3V, 2.4GHz FRONT-END MODULE
More results

Similar Description - RF6519PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com